Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8538 Datasheet (PDF) - Analog Devices

AD8538 Datasheet PDF - Analog Devices
Part # AD8538
Download  AD8538 Download
File Size   268.87 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Precision Auto-Zero Op Amp

AD8538 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8538 Datasheet PDF - Analog Devices

Part # AD8538
Download  AD8538 Click to download

File Size   268.87 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Precision Auto-Zero Op Amp

AD8538 Datasheet (HTML) - Analog Devices


AD8538 Product details

GENERAL DESCRIPTION
The AD8538/AD8539 are very high precision amplifiers featuring extremely low offset voltage, low input bias current, and low power consumption. The supply current is less than 215 μA maximujm per amplifier at 5.0 V. Operation is fully specified from 2.7 V to 5.0 V single supply (±1.35 V to ±2.5 V dual supply).

FEATURES
    Low offset voltage: 13 μV maximum
    Input offset drift: 0.03 μV/°C
    Single-supply operation: 2.7 V to 5.5 V
    High gain, CMRR, and PSRR
    Low input bias current: 25 pA
    Low supply current: 180 μA

APPLICATIONS
    Mobile communications
    Portable instrumentation
    Battery-powered devices
    Sensor interfaces
    Temperature measurement
    Electronic scales




Similar Part No. - AD8538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8538 AD-AD8538 Datasheet
982Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. A
AD8538 AD-AD8538 Datasheet
879Kb / 24P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
AD8538 AD-AD8538 Datasheet
628Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8538 AD-AD8538 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8538 AD-AD8538 Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
More results


Similar Description - AD8538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. A
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD8539ARMZ AD-AD8539ARMZ Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. B
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
logo
Linear Technology
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com