Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDMLN34.EC Datasheet (PDF) - ams AG

KWDMLN34.EC Datasheet PDF - ams AG
Part # KWDMLN34.EC
Download  KWDMLN34.EC Download
File Size   1306.91 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This compact LED device is part of the SYNIOS P2720 family.

KWDMLN34.EC Datasheet (PDF)

Go To PDF Page Download Datasheet
KWDMLN34.EC Datasheet PDF - ams AG

Part # KWDMLN34.EC
Download  KWDMLN34.EC Click to download

File Size   1306.91 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This compact LED device is part of the SYNIOS P2720 family.

KWDMLN34.EC Datasheet (HTML) - ams AG


KWDMLN34.EC Product details

Features:
Package: SMD epoxy package
Chip technology: UX:3
Typ. Radiation: 120° (Lambertian emitter)
Color: Cx = 0.3805, Cy = 0.377 acc. to CIE 1931 (● white)
Corrosion Robustness Class: 3B
CRI: 80 (min.)
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KWDMLN34.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDMLN31.SG OSRAM-KWDMLN31.SG Datasheet
737Kb / 23P
SYNIOS P2720
KWDMLN32.SB OSRAM-KWDMLN32.SB Datasheet
1,009Kb / 25P
Headup Display
More results


Similar Description - KWDMLN34.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
SYNIOS P2720
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
IR SYNIOS P2720
logo
ams AG
KTDMLN31.13 AMSCO-KTDMLN31.13 Datasheet
1Mb / 23P
KT DMLN31.13
Version 1.2 2023-01-27
KWDMLS33.SG AMSCO-KWDMLS33.SG Datasheet
1Mb / 25P
KW DMLS33.SG is part of the SYNIOS P2720 family.
Version 1.7 2023-03-07
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com