Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYDDLM31.FY Datasheet (PDF) - ams AG

KYDDLM31.FY Datasheet PDF - ams AG
Part # KYDDLM31.FY
Download  KYDDLM31.FY Download
File Size   1395.36 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This square package with just 2mm outline combines best performance with a small footprint.

KYDDLM31.FY Datasheet (PDF)

Go To PDF Page Download Datasheet
KYDDLM31.FY Datasheet PDF - ams AG

Part # KYDDLM31.FY
Download  KYDDLM31.FY Click to download

File Size   1395.36 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This square package with just 2mm outline combines best performance with a small footprint.

KYDDLM31.FY Datasheet (HTML) - ams AG


KYDDLM31.FY Product details

Features:
Package: white SMT package, colored diffused silicone resin
Chip technology: InGaN on Sapphire
Typ. Radiation: 120° (Lambertian emitter)
Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931 (● converted yellow)
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KYDDLM31.FY

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KYDDLM31.FY OSRAM-KYDDLM31.FY Datasheet
1Mb / 22P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
More results


Similar Description - KYDDLM31.FY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
Small Package Outline
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
Small Package Outline
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
Small Package Outline
AP2323GN-HF A-POWER-AP2323GN-HF_14 Datasheet
101Kb / 4P
Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF_16 Datasheet
65Kb / 5P
Small Package Outline
logo
ams AG
KBDDLM31.13 AMSCO-KBDDLM31.13 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
KYDDLM31.23 AMSCO-KYDDLM31.23 Datasheet
1Mb / 21P
This square package with just 2mm outline combines best performance with a small footprint.
Version 1.3 2020-07-17
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com