Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet (PDF) - WOLFSPEED, INC.

AM452 Datasheet PDF - WOLFSPEED, INC.
Part # AM452
Download  AM452 Download
File Size   341.17 Kbytes
Page   21 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Voltage-to-current transducer IC with a differential input

AM452 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM452 Datasheet PDF - WOLFSPEED, INC.

Part # AM452
Download  AM452 Click to download

File Size   341.17 Kbytes
Page   21 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Voltage-to-current transducer IC with a differential input

AM452 Datasheet (HTML) - WOLFSPEED, INC.


AM452 Product details

FEATURES
• Instrumentation amplifier input with a
wide voltage range of ±400mV
• Adjustable gain and offset
• Adjustable current output
(e.g. of 0/4...20mA)
• 2- and 3-wire operation
• Suitable for HART® applications
• Protection against reverse polarity and
short-circuiting
• Output signal limiting
• Integrated current source
• Adjustable integrated reference voltage
source of 5 to 10V
• Modular configuration
• Supply voltage of 6...35V
• Temperature range of -40°C...+85°C
• RoHS compliant
SCHEMATIC
Figure 1: Block diagram of AM452
GENERAL DESCRIPTION
AM452 is an integrated transducer with an
adjustable current output which has been
specifically designed for the conditioning of
differential input signals. It permits the
independent adjustment of the offset and fullscale current using just a few components.
The IC consists of various functional modules. In
addition to the instrumentation amplifier in the
signal path there is an operational amplifier which
is used to set the gain. The offset can be adjusted
using the Zero adjust stage and/or the SET stage
module.
An additional operational amplifier can supply
external components. The adjustable current
output stage permits 2- and 3-wire operation by
way of a simple amendment to the circuitry.
The IC is distinguished by its many protective
functions which include protection against
reverse polarity and short-circuiting and also an
internal current limit.




Similar Part No. - AM452

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM452 AME-AM452 Datasheet
341Kb / 21P
Voltage-to-current transducer IC with a differential input
logo
Analog Microelectronics...
AM452 ANALOGMICRO-AM452 Datasheet
341Kb / 21P
Voltage-to-current transducer IC with a differential input
February 2008
logo
Analog Power
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
P & N-Channel 20-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4520H DOINGTER-AM4520H Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4528C ANALOGPOWER-AM4528C Datasheet
170Kb / 4P
P & N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM452

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Microelectronics
AM452 AME-AM452 Datasheet
341Kb / 21P
Voltage-to-current transducer IC with a differential input
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
C/U transducer IC with adjustable output voltage
logo
PHOENIX CONTACT
2806074 PHOENIX-2806074 Datasheet
54Kb / 4P
Differential current converter for type A differential current monitor.
2806100 PHOENIX-2806100 Datasheet
50Kb / 4P
Differential current converter for type A differential current monitor.
100241 PHOENIX-100241 Datasheet
1Mb / 19P
Current transducer up to 55 A, programmable and configurable
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4641-X901 VACUUMSCHMELZE-T60404-N4641-X901 Datasheet
1Mb / 7P
Differential Current Sensor for IC-CPD
T60404-N4641-X900 VACUUMSCHMELZE-T60404-N4641-X900 Datasheet
413Kb / 7P
Differential Current Sensor for IC-CPD
logo
WAGO Kontakttechnik Gmb...
750-471 WAGO-750-471 Datasheet
418Kb / 8P
4-channel analog input; Voltage/Current; Differential input; 16 bits;
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
Differential Input Voltage Range Equal to Power Supply Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com