Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5612 Datasheet (PDF) - WOLFSPEED, INC.

AMS5612 Datasheet PDF - WOLFSPEED, INC.
Part # AMS5612
Download  AMS5612 Download
File Size   283.19 Kbytes
Page   6 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Calibrated and temperature compensated pressure sensor

AMS5612 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS5612 Datasheet PDF - WOLFSPEED, INC.

Part # AMS5612
Download  AMS5612 Click to download

File Size   283.19 Kbytes
Page   6 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Calibrated and temperature compensated pressure sensor

AMS5612 Datasheet (HTML) - WOLFSPEED, INC.


AMS5612 Product details

FEATURES
• Calibrated and temperature compensated
pressure sensor, fully analog
• Differential, gage / relative and absolute
versions
• Standard and low pressure types
(ranges from 0 .. 0.3 PSI up to 0 .. 15 PSI)
• Unamplfied ratiometric mV-output signal
-typ. 25 mV FSO for low pressure types
-typ. 40 mV FSO for standard pressure types
• Constant voltage excitation up to 20 V
• 0 .. 60 ºC compensated temperature range
• High performance, stable silicon chip
• Dual in-line package (DIP)
• REACH and RoHS compliant
TYPICAL APPLICATIONS
• Industrial control
• Medical equipment
• Respiration control
• Level detection
• Flow measurement
• Barometric pressure measurement
• Vacuum monitoring
• Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
AMS 5612 is a series of unamplified, laser trimmed
pressure sensors with differential, ratiometric mV
output signal. They are designed for constant
voltage excitation with a supply voltage up to 20 V.
All AMS 5612 are calibrated and temperature
compensated within a range of 0 .. 60 °C.
AMS 5612 comes as a dual in-line package (DIP)
for assembly on printed circuit boards (PCBs). The
electrical connection is made via the DIP solder
pins; pressure is connected via vertical metal
tubes.
The AMS 5612 series uses micromachined high
quality piezoresistive silicon pressure sensor chips
in a ceramic package. The calibration of offset and
span as well as temperature compensation is done
individually during the manufacturing process by
laser trimming of thick film resistors. The fully
analog construction of this series enables
precision, high speed measurements combined
with an excellent long-term stability.




Similar Part No. - AMS5612

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5612 ANALOGMICRO-AMS5612 Datasheet
283Kb / 6P
Calibrated and temperature compensated pressure sensor
March 2015
More results


Similar Description - AMS5612

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Sensortechnics GmbH
RPOM050G6A SENSORTECHNICS-RPOM050G6A Datasheet
219Kb / 5P
Compensated and calibrated pressure sensors
logo
Freescale Semiconductor...
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
Calibrated and temperature compensated
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
Compensated and Calibrated low Pressure Sensor
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
Compensated and Calibrated Low Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com