Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4953 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

APM4953 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # APM4953
Download  APM4953 Download
File Size   2012.02 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual P-Channel 30V (D-S) MOSFET

APM4953 Datasheet (PDF)

Go To PDF Page Download Datasheet
APM4953 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # APM4953
Download  APM4953 Click to download

File Size   2012.02 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual P-Channel 30V (D-S) MOSFET

APM4953 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


APM4953 Product details

FEATURES
RDS(ON)= 60mQ@VGs=-10V (Max)
RDS(ON)= 90mQ@VGs=-4.5V (Max)




Similar Part No. - APM4953

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4953 ANPEC-APM4953 Datasheet
221Kb / 9P
Dual P-Channel Enhancement Mode MOSFET
logo
ARTSCHIP ELECTRONICS CO...
APM4953 ARTSCHIP-APM4953 Datasheet
500Kb / 7P
Dual P-Channel Enhancement Mode Mosfet
logo
Guangdong Youtai Semico...
APM4953 UMW-APM4953 Datasheet
534Kb / 6P
-30V P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
APM4953 EVVOSEMI-APM4953 Datasheet
538Kb / 6P
-30V P-Channel MOSFET
Rev:2023A2
logo
Anpec Electronics Corop...
APM4953K ANPEC-APM4953K Datasheet
119Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
More results


Similar Description - APM4953

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2329P ANALOGPOWER-AM2329P Datasheet
139Kb / 3P
P-Channel 30V (D-S) MOSFET
AM3455P ANALOGPOWER-AM3455P Datasheet
134Kb / 2P
P-Channel 30V (D-S) MOSFET
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
P-Channel 30V (D-S) 4.5A P-MOSFET
BM3407 BOOKLY-BM3407 Datasheet
106Kb / 5P
P-Channel 30V (D-S) 4A P-MOSFET
logo
Leshan Radio Company
LP8104DT1AG LRC-LP8104DT1AG Datasheet
414Kb / 5P
30V P-Channel (D-S) MOSFET
LP3401ALT1G LRC-LP3401ALT1G Datasheet
852Kb / 3P
P-Channel 30V( D - S) MOSFET VDS =-30V
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
logo
First Silicon Co., Ltd
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
P-Channel 30V(D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com