Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS83P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

BSS83P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # BSS83P
Download  BSS83P Download
File Size   2511.7 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1.7Q ,60V P-Channel MOSFET

BSS83P Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS83P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # BSS83P
Download  BSS83P Click to download

File Size   2511.7 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1.7Q ,60V P-Channel MOSFET

BSS83P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


BSS83P Product details

Vdss=60V
ID= 0.5A
Rps(oNn)=1.7Q@VGs=-10V




Similar Part No. - BSS83P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS83P INFINEON-BSS83P Datasheet
408Kb / 9P
SIPMOS Small-Signal-Transistor
2003-06-23
BSS83P INFINEON-BSS83P Datasheet
3Mb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.2 2006-12-05
BSS83P INFINEON-BSS83P Datasheet
351Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
BSS83P INFINEON-BSS83P_06 Datasheet
3Mb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.2 2006-12-05
More results


Similar Description - BSS83P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
NDS0610 TECHPUBLIC-NDS0610 Datasheet
2Mb / 5P
1.7Q ,60V P-Channel MOSFET
NTR5105PT1G TECHPUBLIC-NTR5105PT1G Datasheet
2Mb / 5P
1.7Q ,60V P-Channel MOSFET
TP0610K TECHPUBLIC-TP0610K Datasheet
2Mb / 5P
1.7Q ,60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com