Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDY1002PZ Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDY1002PZ Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDY1002PZ
Download  FDY1002PZ Download
File Size   2780.53 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20V Dual P-Channel Enhancement Mode MOSFET

FDY1002PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDY1002PZ Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDY1002PZ
Download  FDY1002PZ Click to download

File Size   2780.53 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20V Dual P-Channel Enhancement Mode MOSFET

FDY1002PZ Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDY1002PZ Product details

Features
Fast switching
Green Device Available
' Suit for 1.5V Gate Drive Applications




Similar Part No. - FDY1002PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
More results


Similar Description - FDY1002PZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63P02X ZETEX-ZXMD63P02X Datasheet
208Kb / 7P
DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
65Kb / 4P
DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM7104D TSC-TSM7104D Datasheet
135Kb / 3P
20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8_04 Datasheet
54Kb / 4P
DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X Datasheet
210Kb / 7P
DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMD63P02X DIODES-ZXMD63P02X_15 Datasheet
210Kb / 7P
DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
logo
TECH PUBLIC Electronics...
DMG1023UV TECHPUBLIC-DMG1023UV Datasheet
2Mb / 5P
20V Dual P-Channel Enhancement Mode MOSFET
NTZD3152PT1G TECHPUBLIC-NTZD3152PT1G Datasheet
2Mb / 5P
20V Dual P-Channel Enhancement Mode MOSFET‘
TPM2299EX6-1 TECHPUBLIC-TPM2299EX6-1 Datasheet
2Mb / 5P
20V Dual P-Channel Enhancement Mode MOSFET
TPM2299EX6 TECHPUBLIC-TPM2299EX6 Datasheet
2Mb / 5P
20V Dual P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com