Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDC7003P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

NDC7003P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # NDC7003P
Download  NDC7003P Download
File Size   3192.94 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual P-Channel 20V (D-S) MOSFET

NDC7003P Datasheet (PDF)

Go To PDF Page Download Datasheet
NDC7003P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # NDC7003P
Download  NDC7003P Click to download

File Size   3192.94 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual P-Channel 20V (D-S) MOSFET

NDC7003P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


NDC7003P Product details

Product Summary
Vdss=60V
ID= 0.5A
Rps(oNn)=1.7Q@VGs=-10V




Similar Part No. - NDC7003P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDC7003P FAIRCHILD-NDC7003P Datasheet
259Kb / 10P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7003P ONSEMI-NDC7003P Datasheet
285Kb / 6P
MOSFET - Dual P-Channel, POWERTRENCH
December, 2021 ??Rev. 3
logo
VBsemi Electronics Co.,...
NDC7003P VBSEMI-NDC7003P Datasheet
497Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
More results


Similar Description - NDC7003P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRF7324TRPBF VBSEMI-IRF7324TRPBF Datasheet
2Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
AO4821 VBSEMI-AO4821 Datasheet
2Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
NCE4963 VBSEMI-NCE4963 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
SI4943CDY-T1-E3 VBSEMI-SI4943CDY-T1-E3 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
SI4963BDY-T1-E3 VBSEMI-SI4963BDY-T1-E3 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
SI9934DY-T1-E3 VBSEMI-SI9934DY-T1-E3 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
TPC8305 VBSEMI-TPC8305 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
VBA4216 VBSEMI-VBA4216_V01 Datasheet
621Kb / 8P
Dual P-Channel 20V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6306P TECHPUBLIC-FDC6306P Datasheet
2Mb / 4P
Dual P-Channel 20V (D-S) MOSFET
TPM20PB3S6 TECHPUBLIC-TPM20PB3S6 Datasheet
2Mb / 4P
Dual P-Channel 20V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com