Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9882A Datasheet (PDF) - Analog Devices

AD9882A Datasheet PDF - Analog Devices
Part # AD9882A
Download  AD9882A Download
File Size   984.68 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Interface for Flat Panel Displays

AD9882A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9882A Datasheet PDF - Analog Devices

Part # AD9882A
Download  AD9882A Click to download

File Size   984.68 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Interface for Flat Panel Displays

AD9882A Datasheet (HTML) - Analog Devices


AD9882A Product details

GENERAL DESCRIPTION
The AD9882A offers designers the flexibility of an analog interface and a digital visual interface (DVI) receiver integrated on a single chip. Also included is support for high bandwidth digital content protection (HDCP).

FEATURES
   Analog interface
      140 MSPS maximum conversion rate
      Programmable analog bandwidth
      0.5 V to 1.0 V analog input range
      500 ps p-p PLL clock jitter at 140 MSPS
      3.3 V power supply
      Full sync processing
      Midscale clamping
      4:2:2 output format mode

   Digital interface
      DVI 1.0 compatible interface
      112 MHz operation
      High skew tolerance of 1 full input clock
      Sync detect for hot plugging
      Supports high bandwidth digital content protection

APPLICATIONS
   RGB graphics processing
   LCD monitors and projectors
   Plasma display panels
   Scan converter
   Microdisplays
   Digital TV




Similar Part No. - AD9882A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
Dual Interface for Flat Panel Displays
REV. 0
More results


Similar Description - AD9882A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883 AD-AD9883 Datasheet
177Kb / 24P
110 MSPS Analog Interface for Flat Panel Displays
REV.0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
Dual Interface for Flat Panel Displays
REV.0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
Dual Interface for Flat Panel Displays
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9886 AD-AD9886 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV.0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
Dual Interface for Flat Panel Displays
REV.0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
Analog Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
Dual Interface for Flat Panel Display
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com