Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923A Datasheet (PDF) - Analog Devices

AD9923A Datasheet PDF - Analog Devices
Part # AD9923A
Download  AD9923A Download
File Size   1532.08 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processor with V-Driver and Precision Timing??Generator

AD9923A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9923A Datasheet PDF - Analog Devices

Part # AD9923A
Download  AD9923A Click to download

File Size   1532.08 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CCD Signal Processor with V-Driver and Precision Timing??Generator

AD9923A Datasheet (HTML) - Analog Devices


AD9923A Product details

GENERAL DESCRIPTION
The AD9923A is a complete 36 MHz front-end solution for digital still cameras and other CCD imaging applications. Similar to the AD9923 product, the AD9923A includes the analog front end (AFE), a fully programmable timing generator (TG), and a 15-channel vertical driver (V-driver). A Precision Timing™core allows adjustment of high speed clocks with approximately 600 ps resolution at 36 MHz operation

FEATURES
   Integrated 15-channel V-driver
   12-bit, 36 MHz analog-to-digital converter (ADC)
   Similar register map to the AD9923
   5-field, 10-phase vertical clock support
   Complete on-chip timing generator
   Precision Timing core with <600 ps resolution
   Correlated double sampler (CDS)
   6 dB to 42 dB 10-bit variable gain amplifier (VGA)
   Black level clamp with variable level control
   On-chip 3 V horizontal and RG drivers
   2-phase and 4-phase H-clock modes
   Electronic and mechanical shutter support
   On-chip driver for external crystal
   On-chip sync generator with external sync input
   8 mm × 8 mm CSP_BGA package with 0.65 mm pitch

APPLICATIONS
   Digital still cameras




Similar Part No. - AD9923A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
More results


Similar Description - AD9923A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9925 AD-AD9925 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9920A AD-AD9920A Datasheet
73Kb / 2P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com