Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-1 Datasheet (PDF) - Analog Devices

ADA4850-1 Datasheet PDF - Analog Devices
Part # ADA4850-1
Download  ADA4850-1 Download
File Size   443.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down

ADA4850-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4850-1 Datasheet PDF - Analog Devices

Part # ADA4850-1
Download  ADA4850-1 Click to download

File Size   443.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down

ADA4850-1 Datasheet (HTML) - Analog Devices


ADA4850-1 Product details

GENERAL DESCRIPTION
The ADA4850-1, ADA4850-21 are low price, high speed, voltage feedback rail-to-rail output op amps with ultralow power-down. Despite their low price, the ADA4850-1/ADA4850-2 provide excellent overall performance and versatility. The 175 MHz −3 dB bandwidth and 220 V/µs slew rate make these amplifiers well-suited for many generalpurpose, high speed applications.

FEATURES
    Ultralow power-down current: 150 nA/amp max
    Low quiescent current: 2.4 mA/amp
    High speed
        175 MHz −3 dB bandwidth
        220 V/µs slew rate
        85 ns settling time to 0.1%
    Excellent video specifications
        0.1 dB flatness: 14 MHz
        Differential gain: 0.12%
        Differential phase: 0.09°
    Single-supply operation: 2.7 V to 6 V
    Rail-to-rail output
        Output swings to within 80 mV of either rail
    Low voltage offset: 0.6 mV

APPLICATIONS
    Portable multimedia players
    Video cameras
    Digital still cameras
    Consumer video




Similar Part No. - ADA4850-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-1 AD-ADA4850-1 Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1 AD-ADA4850-1 Datasheet
365Kb / 14P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
Rev. D
ADA4850-1YCPZ-R2 AD-ADA4850-1YCPZ-R2 Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1YCPZ-RL AD-ADA4850-1YCPZ-RL Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1YCPZ-RL7 AD-ADA4850-1YCPZ-RL7 Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
More results


Similar Description - ADA4850-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
10/06-Rev. A to Rev. B
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4850-1 AD-ADA4850-1_07 Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Analog Devices
ADA4850-1 AD-ADA4850-1_16 Datasheet
365Kb / 14P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
Rev. D
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com