Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT4020 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT4020 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT4020
Download  74HCT4020 Download
File Size   277.92 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage binary ripple counter

74HCT4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4020 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT4020
Download  74HCT4020 Click to download

File Size   277.92 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage binary ripple counter

74HCT4020 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT4020 Product details

1. General description
The 74HC4020; 74HCT4020 is a 14-stage binary ripple counter with a clock input (CP), an
overriding asynchronous master reset input (MR) and 12 buffered parallel outputs (Q0, and Q3
to Q13). The counter advances on the HIGH-to-LOW transition of CP. A HIGH on MR clears all
counter stages and forces all outputs LOW, independent of the state of CP. Each counter stage is a
static toggle flip-flop. Inputs include clamp diodes. This enables the use of current limiting resistors
to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC4020: CMOS level
• For 74HCT4020: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Frequency dividing circuits
• Time delay circuits
• Control counters




Similar Part No. - 74HCT4020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4020 PHILIPS-74HCT4020 Datasheet
49Kb / 7P
14-stage binary ripple counter
September 1993
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
14-stage binary ripple counter
Rev. 2 - 18 June 2020
74HCT4020BQ-Q100 NEXPERIA-74HCT4020BQ-Q100 Datasheet
781Kb / 18P
14-stage binary ripple counter
74HCT4020BQ-Q100 NEXPERIA-74HCT4020BQ-Q100 Datasheet
272Kb / 16P
14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
NXP Semiconductors
74HCT4020D PHILIPS-74HCT4020D Datasheet
49Kb / 7P
14-stage binary ripple counter
September 1993
More results


Similar Description - 74HCT4020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
14-stage binary ripple counter
September 1993
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
14-STAGE BINARY RIPPLE COUNTER
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
14-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
14-stage binary ripple counter
Rev. 01-29 November 2005
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
14-stage binary ripple counter
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
14-stage binary ripple counter
Rev. 2 - 18 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com