Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4060 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4060 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4060
Download  74HC4060 Download
File Size   317.05 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage binary ripple counter with oscillator

74HC4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4060 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4060
Download  74HC4060 Click to download

File Size   317.05 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage binary ripple counter with oscillator

74HC4060 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4060 Product details

1. General description
The 74HC4060; 74HCT4060 is a 14-stage ripple-carry counter/divider and oscillator with three
oscillator terminals (RS, RTC and CTC), ten buffered parallel outputs (Q3 to Q9 and Q11 to Q13)
and an overriding asynchronous master reset (MR). The oscillator configuration allows design of
either RC or crystal oscillator circuits. The oscillator may be replaced by an external clock signal
at input RS. In this case, keep the oscillator pins (RTC and CTC) floating. The counter advances
on the HIGH-to-LOW transition of RS. A HIGH level on MR clears all counter stages and forces all
outputs LOW, independent of the other input conditions. Inputs include clamp diodes. This enables
the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• All active components on chip
• RC or crystal oscillator configuration
• Input levels:
• For 74HC4060: CMOS level
• For 74HCT4060: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Control counters
• Timers
• Frequency dividers
• Time-delay circuits




Similar Part No. - 74HC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
STMicroelectronics
74HC4060 STMICROELECTRONICS-74HC4060 Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
logo
Silicon Supplies
74HC4060 SS-74HC4060 Datasheet
776Kb / 7P
High Speed CMOS Logic
74HC4060 SS-74HC4060 Datasheet
327Kb / 7P
High Speed CMOS Logic
Rev 1.0 26/11/17
More results


Similar Description - 74HC4060

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
14-stage binary ripple counter with oscillator
1998 Jun 23
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
14-stage binary ripple counter with oscillator
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com