Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4094D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4094D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4094D
Download  74HC4094D Download
File Size   300.2 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store bus register

74HC4094D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4094D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4094D
Download  74HC4094D Click to download

File Size   300.2 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store bus register

74HC4094D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4094D Product details

1. General description
The 74HC4094; 74HCT4094 is an 8-bit serial-in/serial or parallel-out shift register with a storage
register and 3-state outputs. Both the shift and storage register have separate clocks. The device
features a serial input (D) and two serial outputs (QS1 and QS2) to enable cascading. Data is
shifted on the LOW-to-HIGH transitions of the CP input. Data is available at QS1 on the LOW-to-
HIGH transitions of the CP input to allow cascading when clock edges are fast. The same data
is available at QS2 on the next HIGH-to-LOW transition of the CP input to allow cascading when
clock edges are slow. The data in the shift register is transferred to the storage register when the
STR input is HIGH. Data in the storage register appears at the outputs whenever the output enable
input (OE) is HIGH. A LOW on OE causes the outputs to assume a high-impedance OFF-state.
Operation of the OE input does not affect the state of the registers. Inputs include clamp diodes.
This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Complies with JEDEC standard JESD7A
• Input levels:
• For 74HC4094: CMOS level
• For 74HCT4094: TTL level
• Low-power dissipation
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Serial-to-parallel data conversion
• Remote control holding register




Similar Part No. - 74HC4094D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094D PHILIPS-74HC4094D Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74HC4094D-Q100 NEXPERIA-74HC4094D-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74HC4094D-Q100 NEXPERIA-74HC4094D-Q100 Datasheet
284Kb / 18P
8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC4094DB NXP-74HC4094DB Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
More results


Similar Description - 74HC4094D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
8-Stage Shift-and-Store Bus-Register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
74LV4094 PHILIPS-74LV4094_15 Datasheet
205Kb / 21P
8-stage shift-and-store bus register
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com