Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT7541D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT7541D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT7541D
Download  74HCT7541D Download
File Size   253.41 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal Schmitt trigger buffer/line driver; 3-state

74HCT7541D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT7541D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT7541D
Download  74HCT7541D Click to download

File Size   253.41 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal Schmitt trigger buffer/line driver; 3-state

74HCT7541D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT7541D Product details

1. General description
The 74HC7541; 74HCT7541 is an 8-bit buffer/line driver with Schmitt-trigger inputs and 3-state
outputs. The device features two output enables (OE1 and OE2). A HIGH on OEn causes the
outputs to assume a high-impedance OFF-state. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC. Schmitt trigger inputs
transform slowly changing input signals into sharply defined jitter-free output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Unlimited input rise and fall times
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Non-inverting outputs
• Input levels:
• For 74HC7541: CMOS level
• For 74HCT7541: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCT7541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT7541D NXP-74HCT7541D Datasheet
554Kb / 17P
Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HCT7541D-Q100 NEXPERIA-74HCT7541D-Q100 Datasheet
951Kb / 15P
Octal Schmitt trigger buffer/line driver; 3-state
74HCT7541D-Q100 NEXPERIA-74HCT7541D-Q100 Datasheet
252Kb / 14P
Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
More results


Similar Description - 74HCT7541D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
List of Unclassifed Man...
74HC-HCT7541 ETC2-74HC-HCT7541 Datasheet
118Kb / 5P
OCTAL SCHMITT TRIGGER BUFFER/LINE DRIVER;3-STATE
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74HC7541D NXP-74HC7541D Datasheet
554Kb / 17P
Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
Octal Schmitt trigger buffer/line driver; 3-state
74HCT7540 NEXPERIA-74HCT7540 Datasheet
270Kb / 15P
Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
74HCT7541-Q100 NEXPERIA-74HCT7541-Q100 Datasheet
252Kb / 14P
Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com