Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7839A Datasheet (PDF) - Belden Inc.

7839A Datasheet PDF - Belden Inc.
Part # 7839A
Download  7839A Download
File Size   218.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description T1/DS1 Central Office, 22 AWG 6 PR, Shielded, MPR/CMR

7839A Datasheet (PDF)

Go To PDF Page Download Datasheet
7839A Datasheet PDF - Belden Inc.

Part # 7839A
Download  7839A Click to download

File Size   218.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description T1/DS1 Central Office, 22 AWG 6 PR, Shielded, MPR/CMR

7839A Datasheet (HTML) - Belden Inc.


7839A Product details

Product Description
22 AWG solid tinned copper conductors, 6 twisted pairs, flame retardant polyolefin insulation, overall Beldfoil® shield (100% coverage), 22 AWG solid tinned
copper drain wire, PVC jacket.




Similar Part No. - 7839A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7839 GILWAY-7839 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Alpha Wire
78392 ALPHAWIRE-78392 Datasheet
408Kb / 4P
20 (19/32) AWG Tinned Copper
78393 ALPHAWIRE-78393 Datasheet
408Kb / 4P
20 (19/32) AWG Tinned Copper
78394 ALPHAWIRE-78394 Datasheet
408Kb / 4P
20 (19/32) AWG Tinned Copper
logo
Molex Electronics Ltd.
78394-0002 MOLEX9-78394-0002 Datasheet
294Kb / 6P
0.80mm(.031"), 1.27mm(.050") Micro SAS Plug, Right Angle, Straddle Mount, 0.76關m(30關") Gold (Au) Plating, 25 Circuits, Halogen free, Lead free
More results


Similar Description - 7839A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MH88634CV-K ZARLINK-MH88634CV-K Datasheet
437Kb / 13P
Central Office Interface Circuit
logo
SCHOTT CORPORATION
31250 SCHOTT-31250 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
TRANSFORMER, ADSL, CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31431 SCHOTT-31431 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31530 SCHOTT-31530 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
logo
Belden Inc.
5501FE BELDEN-5501FE Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 22 AWG, BC, Shielded, CMR
04-28-2023
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com