Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4D08120A Datasheet (PDF) - WOLFSPEED, INC.

C4D08120A Datasheet PDF - WOLFSPEED, INC.
Part # C4D08120A
Download  C4D08120A Download
File Size   1197.08 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 4th Generation 1200 V, 8 A Silicon Carbide Schottky Diode

C4D08120A Datasheet (PDF)

Go To PDF Page Download Datasheet
C4D08120A Datasheet PDF - WOLFSPEED, INC.

Part # C4D08120A
Download  C4D08120A Click to download

File Size   1197.08 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 4th Generation 1200 V, 8 A Silicon Carbide Schottky Diode

C4D08120A Datasheet (HTML) - WOLFSPEED, INC.


C4D08120A Product details

Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications.
Features
• Low Forward Voltage (VF
) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
Applications
• Industrial Switched Mode Power Supplies
• Uninterruptible & AUX Power Supplies
• Boost for PFC & DC-DC Stages
• Solar Inverters




Similar Part No. - C4D08120A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D08120A CREE-C4D08120A Datasheet
617Kb / 5P
Silicon Carbide Schottky Diode 1.2kV Schottky Rectifier
C4D08120A CREE-C4D08120A_14 Datasheet
714Kb / 6P
Silicon Carbide Schottky Diode
More results


Similar Description - C4D08120A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C4D02120A WOLFSPEED-C4D02120A Datasheet
1Mb / 9P
4th Generation 1200 V, 2 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D05120A WOLFSPEED-C4D05120A Datasheet
1Mb / 9P
4th Generation 1200 V, 5 A Silicon Carbide Schottky Diode
Rev. 4, March 2023
C4D10120A WOLFSPEED-C4D10120A Datasheet
1Mb / 9P
4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 5, March 2023
C4D10120H WOLFSPEED-C4D10120H Datasheet
669Kb / 9P
4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
C4D15120A WOLFSPEED-C4D15120A Datasheet
1Mb / 9P
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 5, March 2023
C4D15120H WOLFSPEED-C4D15120H Datasheet
558Kb / 9P
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
C4D20120A WOLFSPEED-C4D20120A Datasheet
1Mb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D20120H WOLFSPEED-C4D20120H Datasheet
485Kb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022
C4D30120H WOLFSPEED-C4D30120H Datasheet
757Kb / 8P
4th Generation 1200 V, 30 A Silicon Carbide Schottky Diode
Rev. 1, January 2023
E4D02120E WOLFSPEED-E4D02120E Datasheet
715Kb / 6P
4th Generation 1200 V, 2 A Silicon Carbide Schottky Diode
Rev. 0, OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com