Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDT3055L Datasheet (PDF) - TECH PUBLIC Electronics co LTD

NDT3055L Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # NDT3055L
Download  NDT3055L Download
File Size   1926.05 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

NDT3055L Datasheet (PDF)

Go To PDF Page Download Datasheet
NDT3055L Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # NDT3055L
Download  NDT3055L Click to download

File Size   1926.05 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

NDT3055L Datasheet (HTML) - TECH PUBLIC Electronics co LTD


NDT3055L Product details

GENERAL FEATURES
60V, 4A, Rps(on) = 85mQ @Vgs = 10V.
Rpsion) = 100mQ @Vgs = 4.5V.
High dense cell design for extremely low Rps(on)-
Rugged and reliable.
Lead free product is acquired.
SOT-223 package.




Similar Part No. - NDT3055L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDT3055L FAIRCHILD-NDT3055L Datasheet
228Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT3055L VBSEMI-NDT3055L Datasheet
1,010Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NDT3055L ONSEMI-NDT3055L Datasheet
378Kb / 6P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev.1
logo
EVER SEMICONDUCTOR CO.,...
NDT3055L EVVOSEMI-NDT3055L Datasheet
287Kb / 6P
60V N-Channel
Rev:2023A2
More results


Similar Description - NDT3055L

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com