Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6D25170H Datasheet (PDF) - WOLFSPEED, INC.

C6D25170H Datasheet PDF - WOLFSPEED, INC.
Part # C6D25170H
Download  C6D25170H Download
File Size   564.72 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6th Generation 1700 V, 25 A Silicon Carbide Schottky Diode

C6D25170H Datasheet (PDF)

Go To PDF Page Download Datasheet
C6D25170H Datasheet PDF - WOLFSPEED, INC.

Part # C6D25170H
Download  C6D25170H Click to download

File Size   564.72 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 6th Generation 1700 V, 25 A Silicon Carbide Schottky Diode

C6D25170H Datasheet (HTML) - WOLFSPEED, INC.


C6D25170H Product details

Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications
Features
• Low Forward Voltage (VF
) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
Applications
• Industrial Switched Mode Power Supplies
• Uninterruptible & AUX Power Supplies
• Boost for PFC & DC-DC Stages
• Solar Inverters




Similar Part No. - C6D25170H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
C6D25170H ISC-C6D25170H Datasheet
354Kb / 2P
SiC Schottky Diode
More results


Similar Description - C6D25170H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDSH25170A ONSEMI-NDSH25170A Datasheet
286Kb / 6P
Silicon Carbide Schottky Diode 1700 V, 25 A
September, 2019 ??Rev. 1
logo
WOLFSPEED, INC.
C6D10170H WOLFSPEED-C6D10170H Datasheet
564Kb / 8P
6th Generation 1700 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, December 2022
C6D05170H WOLFSPEED-C6D05170H Datasheet
2Mb / 8P
6th Generation 1700 V, 5 A Silicon Carbide Schottky Diode
Rev. 0, November 2022
C6D06065G WOLFSPEED-C6D06065G Datasheet
1Mb / 6P
6th Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D10065G WOLFSPEED-C6D10065G Datasheet
1Mb / 6P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D10065Q WOLFSPEED-C6D10065Q Datasheet
707Kb / 7P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
C6D20065D1 WOLFSPEED-C6D20065D1 Datasheet
930Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D20065H WOLFSPEED-C6D20065H Datasheet
952Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D50065D1 WOLFSPEED-C6D50065D1 Datasheet
888Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, March 2023
C6D50065H WOLFSPEED-C6D50065H Datasheet
946Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com