Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB814L Datasheet (PDF) - Kingbright Corporation

KB814L Datasheet PDF - Kingbright Corporation
Part # KB814L
Download  KB814L Download
File Size   192.13 Kbytes
Page   8 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES

KB814L Datasheet (PDF)

Go To PDF Page Download Datasheet
KB814L Datasheet PDF - Kingbright Corporation

Part # KB814L
Download  KB814L Click to download

File Size   192.13 Kbytes
Page   8 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES

KB814L Datasheet (HTML) - Kingbright Corporation


KB814L Product details

DESCRIPTION
1. The KB814(1-channel) is optically coupled isolators containing two GaAs light emitting diode and an NPN silicon phototransistor.
2. The lead pitch is 2.54mm.

FEATURES
1.AC Input
2.High isolation voltage between input and output (Viso=5000 Vr.m.s)
3.Compact dual-in-line package
   KB814:1-channel type
4.Recognized by UL and CUL, file NO. E225308
5. Approved by VDE 0884 Teil2(NO:40006364)
   (Creepage distance between input and output:7mm or more)

APPLICATIONS
1. Computer terminals.
2. Registers, copiers, automatic vending machines.
3. System appliances, measuring instruments.
4. Programmable logic controller.
5. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - KB814L

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB8141 KINGBRIGHT-KB8141 Datasheet
156Kb / 8P
PHOTOCOUPLER
More results


Similar Description - KB814L

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB827-B KINGBRIGHT-KB827-B Datasheet
217Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB817 KINGBRIGHT-KB817 Datasheet
213Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB817-B KINGBRIGHT-KB817-B Datasheet
221Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
logo
Sharp Corporation
PC714V SHARP-PC714V Datasheet
395Kb / 4P
High Isolation Voltage Type, General Purpose Photocoupler
logo
Kingbright Corporation
KB847-B KINGBRIGHT-KB847-B Datasheet
221Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB837-B KINGBRIGHT-KB837-B Datasheet
222Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB847 KINGBRIGHT-KB847 Datasheet
276Kb / 9P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com