Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM5010ASD Datasheet PDF - National Semiconductor (TI)
Part # LM5010ASD
Download  LM5010ASD Download
File Size   775.46 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Voltage 1A Step Down Switching Regulator

LM5010ASD Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5010ASD Datasheet PDF - National Semiconductor (TI)

Part # LM5010ASD
Download  LM5010ASD Click to download

File Size   775.46 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Voltage 1A Step Down Switching Regulator

LM5010ASD Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM5010ASD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010ASD TI-LM5010ASD Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010ASD/NOPB TI-LM5010ASD/NOPB Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010ASD/NOPB TI2-LM5010ASD/NOPB Datasheet
878Kb / 36P
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
REVISED MAY 2016
LM5010ASD/NOPB.A TI2-LM5010ASD/NOPB.A Datasheet
878Kb / 36P
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
REVISED MAY 2016
LM5010ASD/NOPB.B TI2-LM5010ASD/NOPB.B Datasheet
878Kb / 36P
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
REVISED MAY 2016
More results


Similar Description - LM5010ASD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
National Semiconductor ...
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
1A step down switching regulator
03-Apr-2007
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com