Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33984 Datasheet (PDF) - NXP Semiconductors

33984 Datasheet PDF - NXP Semiconductors
Part # 33984
Download  33984 Download
File Size   1609.14 Kbytes
Page   57 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)

33984 Datasheet (PDF)

Go To PDF Page Download Datasheet
33984 Datasheet PDF - NXP Semiconductors

Part # 33984
Download  33984 Click to download

File Size   1609.14 Kbytes
Page   57 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)

33984 Datasheet (HTML) - NXP Semiconductors


33984 Product details

The 33984 is a dual self-protected 4.0 mOhm silicon switch used to replace
electromechanical relays, fuses, and discrete devices in power management
applications. The 33984 is designed for harsh environments, and it includes
self-recovery features. The device is suitable for loads with high inrush current,
as well as motors and all types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the serial
peripheral interface (SPI). A dedicated parallel input is available for alternate
and pulse-width modulation (PWM) control of each output. SPI-programmable
fault trip thresholds allow the device to be adjusted for optimal performance in
the application.
The 33984 is packaged in a power-enhanced 12 mm x 12 mm nonleaded
PQFN package with exposed tabs.

Features
• Dual 4.0 m max. high-side switch with parallel input or SPI control
• 6.0 V to 27 V operating voltage with standby currents < 5.0 A
• Output current monitoring with two SPI-selectable current ratios
• SPI control of overcurrent limit, overcurrent fault blanking time, output OFF
open load detection, output ON/OFF control, watchdog timeout, slew-rates,
and fault status reporting
• SPI status reporting of overcurrent, open and shorted loads,
overtemperature, undervoltage and overvoltage shutdown, fail-safe pin
status, and program status
• Enhanced -16 V reverse polarity VPWR protection

Applications
• DC motor or solenoid
• Resistive or inductive loads
• Low-voltage lighting




Similar Part No. - 33984

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33984 MOTOROLA-33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33984B FREESCALE-33984B Datasheet
1Mb / 38P
Dual Intelligent High-current
More results


Similar Description - 33984

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com