Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9552 Datasheet (PDF) - NXP Semiconductors

PCA9552 Datasheet PDF - NXP Semiconductors
Part # PCA9552
Download  PCA9552 Download
File Size   442.7 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit I2C-bus LED driver with programmable blink rates

PCA9552 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9552 Datasheet PDF - NXP Semiconductors

Part # PCA9552
Download  PCA9552 Click to download

File Size   442.7 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit I2C-bus LED driver with programmable blink rates

PCA9552 Datasheet (HTML) - NXP Semiconductors


PCA9552 Product details

1 General description
The PCA9552 LED blinker blinks LEDs in I2C-bus and SMBus applications where it is necessary to limit bus traffic or free up the I2C-bus controller's (MCU, MPU, DSP, chip set, etc.) timer. The uniqueness of this device is the internal oscillator with two programmable blink rates. To blink LEDs using normal I/O expanders like the PCF8574 or PCA9554, the bus controller must send repeated commands to turn the LED on and off. This greatly increases the amount of traffic on the I2C-bus and uses up one of the controller's timers. The PCA9552 LED blinker instead requires only the initial setup command to program BLINK RATE 1 and BLINK RATE 2 (that is, the frequency and duty cycle) for each individual output. From then on, only one command from the bus controller is required to turn each individual open-drain output on, off, or to cycle at BLINK RATE 1 or BLINK
RATE 2. Maximum output sink current is 25 mA per bit and 200 mA per package.
Any bits not used for controlling the LEDs can be used for General Purpose Parallel Input/Output (GPIO) expansion. The active LOW hardware reset pin (RESET) and Power-On Reset (POR) initializes the registers to their default state, all zeroes, causing the bits to be set HIGH (LED off).
Three hardware address pins on the PCA9552 allow eight devices to operate on the same bus.

2 Features
• 16 LED drivers (on, off, flashing at a programmable rate)
• 2 selectable, fully programmable blink rates (frequency and duty cycle) between 0.172 Hz and 44 Hz (5.82
seconds and 0.023 seconds)
• Input/outputs not used as LED drivers can be used as regular GPIOs
• Internal oscillator requires no external components
• I2C-bus interface logic compatible with SMBus
• Internal power-on reset
• Noise filter on SCL/SDA inputs
• Active LOW reset input
• 16 open-drain outputs directly drive LEDs to 25 mA
• Edge rate control on outputs
• No glitch on power-up
• Supports hot insertion
• Low standby current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 0 Hz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per JESD22-A115 and 1000 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Packages offered: SO24, TSSOP24, HVQFN24




Similar Part No. - PCA9552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552 PHILIPS-PCA9552 Datasheet
167Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9552BS PHILIPS-PCA9552BS Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552BS PHILIPS-PCA9552BS Datasheet
167Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
More results


Similar Description - PCA9552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
2-bit I2C LED driver with programmable blink rates
2003 May 02
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
logo
NXP Semiconductors
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com