Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89C52 Datasheet (PDF) - NXP Semiconductors

89C52 Datasheet PDF - NXP Semiconductors
Part # 89C52
Download  89C52 Download
File Size   245.73 Kbytes
Page   39 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash

89C52 Datasheet (PDF)

Go To PDF Page Download Datasheet
89C52 Datasheet PDF - NXP Semiconductors

Part # 89C52
Download  89C52 Click to download

File Size   245.73 Kbytes
Page   39 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash

89C52 Datasheet (HTML) - NXP Semiconductors


89C52 Product details

DESCRIPTION

The 89C51/89C52/89C54/89C58 contain a non-volatile FLASH program memory that is parallel programmable. For devices that are serial programmable (In System Programmable (ISP) with a boot loader), see the 89C51RC+/89C51RD+ datasheet. Both families are Single-Chip 8-bit Microcontrollers manufactured in advanced CMOS process and are derivatives of the 80C51

microcontroller family. All the devices have the same instruction set as the 80C51.



FEATURES

• 80C51 Central Processing Unit

• On-chip FLASH Program Memory

• Speed up to 33 MHz

• Full static operation

• RAM expandable externally to 64 k bytes

• 4 level priority interrupt

• 6 interrupt sources

• Four 8-bit I/O ports

• Full-duplex enhanced UART

– Framing error detection

– Automatic address recognition

• Power control modes

– Clock can be stopped and resumed

– Idle mode

– Power down mode

• Programmable clock out

• Second DPTR register

• Asynchronous port reset

• Low EMI (inhibit ALE)

• 3 16-bit timers

• Wake up from power down by an external interrupt




Similar Part No. - 89C52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C52 PHILIPS-89C52 Datasheet
212Kb / 32P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
226Kb / 32P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
More results


Similar Description - 89C52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
80C51 8-bit Flash microcontroller family
2002 Oct 28
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
80C51 8-bit microcontroller family
2003 May 14
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
80C51 8-bit Flash microcontroller family
2002 Jun 05
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
80C51 8-bit Flash microcontroller family
2002 May 24
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
80C51 8-bit Flash microcontroller family
2003 Sep 11
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com