Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1503 Datasheet (PDF) - fujitsu semiconductor

MB1503 Datasheet PDF - fujitsu semiconductor
Part # MB1503
Download  MB1503 Download
File Size   125.02 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION (1.1GHz)

MB1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1503 Datasheet PDF - fujitsu semiconductor

Part # MB1503
Download  MB1503 Click to download

File Size   125.02 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION (1.1GHz)

MB1503 Datasheet (HTML) - fujitsu semiconductor


MB1503 Product details

LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION (1.1GHz)

The Fujitsu MB1503 is a serial input phase-locked loop (PLL) frequency synthesizer with a pulse-swallow function. A stand-by mode is provided to limit power consumption during intermittent operation.
The MB1503 is configured of a 1.1GHz dual-modulus prescaler with 128/129 divide ratio, control signal generator, 16-bit shift register, 15-bit latch, programmable reference divider (binary 14-bit programmable reference counter), 1-bit switch counter, phase comparator with phase conversion function, charge pump, crystal oscillator, 19-bit shift register, 18-bit latch, programmable divider (binary 7-bit swallow counter and binary 11-bit programmable counter), analog switches, and an intermittent operation control circuit that selects the operating or stand-by mode depending on the power-save control input state (PS).
The MB1503 operates from a single +5 V supply. Fujitsu’s advanced technology achieves an Icc of 8mA, typical. The stand-by mode current consumption is just 100µA.

Features
• High operating frequency : fIN = 1.1GHz (PIN = –10dBm)
• Pulse-swallow function : High-speed dual-modulus prescaler with 128/129 divide ratio
• Low supply current : ICC = 8mA typ. at 5V
• Power-saving stand-by mode : 100µA
• Serial input, 18-bit programmable divider consisting of:
    – Binary 7-bit swallow counter : 0 to 127
    – Binary 11-bit programmable counter : 16 to 2,047
• Serial input 15-bit programmable reference divider consisting of:
    – Binary 15-bit programmable reference counter: 8 to 16,383
    – 1-bit switch counter sets prescaler divide ratio
• On-chip analog switch for fast lock-up
• On-chip charge pump
• Wide operating temperature range: –40 to +85°C
• Plastic 16–pin dual inline package (Suffix : –P)
    Plastic 16–pin small outline package (Suffix : –PF)




Similar Part No. - MB1503

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1500ERW MPD-MB1500ERW Datasheet
589Kb / 4P
MB1500ERW
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
logo
fujitsu semiconductor
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501H FUJITSU-MB1501H Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Similar Description - MB1503

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
Dual Low Power PLL Frequency Synthesizer
REV.0
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
Dual Low Power PLL Frequency Synthesizer
Rev. E
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com