Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JM1AN Datasheet (PDF) - Nais(Matsushita Electric Works)

JM1AN Datasheet PDF - Nais(Matsushita Electric Works)
Part # JM1AN
Download  JM1AN Download
File Size   120.6 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description COMPACT POWER RELAY FOR INDUCTIVE LOAD

JM1AN Datasheet (PDF)

Go To PDF Page Download Datasheet
JM1AN Datasheet PDF - Nais(Matsushita Electric Works)

Part # JM1AN
Download  JM1AN Click to download

File Size   120.6 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description COMPACT POWER RELAY FOR INDUCTIVE LOAD

JM1AN Datasheet (HTML) - Nais(Matsushita Electric Works)


JM1AN Product details

FEATURES
• Compact, high-capacity, and
    resistant to inductive loads
    The relay is a compact 16×30.4×26.5 mm
    .630×1.197×1.043 inch. It can control an
    inductive load (cosϕ = 0.7) with inrush
    current of 70 A and steady state current of
    20 A.
• Excellent contact welding resistance
    High contact pressure, a forced opening
    mechanism, and a forced wiping
    mechanism realizes an excellent contact
    welding resistance.
• High breakdown voltage and surge
    resistant relay
    More than 6.4 mm .252 inch maintained
    for the insulation distance between contacts
    and coil, and the breakdown voltage
    between contacts and coil is 5,000 V for 1
    minute. In addition, the surge resistance
    between contacts and coil is greater than
    10,000 V.
• Resistant to external force
    An absorber mechanism is used on the
    load terminals, giving a large improvement
    in characteristics variations caused
    by the external force during FASTON
    placement/removal.
• Flux resistance mechanism
    The terminal area is plugged with resin to
    prevent flux seepage during PCB mounting. (TMP type)
• Conforms to the various safety standards
    UL, CSA approved.
    TÜV, VDE under application.
• The line up can support economical
    mounting methods.
    The relay are equipped with a drive terminal
    (coil terminal) on one side for PCBs,
    and a load terminal (tab terminal #250) on
    the reverse side. The line up includes the
    TM type which can be attached directly to
    the PCB composing a drive circuit, and
    the TMP type which supports economical
    wiring. The TMP type can also be directly
    attached, and a high capacity load can be
    wired to the tab terminal.
               




Similar Part No. - JM1AN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JM1AN-P-DC12V-F PANASONIC-JM1AN-P-DC12V-F Datasheet
103Kb / 4P
Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
JM1AN-P-DC24V-F PANASONIC-JM1AN-P-DC24V-F Datasheet
103Kb / 4P
Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
JM1AN-P-DC48V-F PANASONIC-JM1AN-P-DC48V-F Datasheet
103Kb / 4P
Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
JM1AN-P-DC5V-F PANASONIC-JM1AN-P-DC5V-F Datasheet
103Kb / 4P
Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
JM1AN-P-DC6V-F PANASONIC-JM1AN-P-DC6V-F Datasheet
103Kb / 4P
Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
More results


Similar Description - JM1AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com