Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT123 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT123 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT123
Download  74HCT123 Download
File Size   322.18 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable monostable multivibrator with reset

74HCT123 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT123 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT123
Download  74HCT123 Click to download

File Size   322.18 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable monostable multivibrator with reset

74HCT123 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT123 Product details

1. General description
The 74HC123; 74HCT123 is a dual retriggerable monostable multivibrator with reset. The basic
output pulse width is programmed by selection of external components (REXT and CEXT). Once
triggered this basic pulse width may be extended by retriggering either of the edge triggered
inputs (nA or nB). By repeating this process, the output pulse period (nQ = HIGH, nQ = LOW)
can be made as long as desired. Alternatively, an output delay can be terminated at any time by
a LOW-going edge on input nRD. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
Schmitt-trigger action in the nA and nB inputs, makes the circuit highly tolerant to slower input rise
and fall times.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC123: CMOS level
• For 74HCT123: TTL level
• DC triggered from active HIGH or active LOW inputs
• Retriggerable for very long pulses up to 100 % duty factor
• Direct reset terminates output pulse
• Schmitt-trigger action on all inputs except for the reset input
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCT123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT123 PHILIPS-74HCT123 Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123 NXP-74HCT123 Datasheet
155Kb / 24P
Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HCT123 PHILIPS-74HCT123 Datasheet
295Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HCT123-Q100 NEXPERIA-74HCT123-Q100 Datasheet
315Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
logo
NXP Semiconductors
74HCT123D PHILIPS-74HCT123D Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
More results


Similar Description - 74HCT123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com