Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT132D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT132D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT132D
Download  74HCT132D Download
File Size   269.66 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input NAND Schmitt trigger

74HCT132D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT132D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT132D
Download  74HCT132D Click to download

File Size   269.66 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input NAND Schmitt trigger

74HCT132D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT132D Product details

1. General description
The 74HC132; 74HCT132 is a quad 2-input NAND gate with Schmitt-trigger inputs. Inputs include
clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC. Schmitt trigger inputs transform slowly changing input signals into sharply defined
jitter-free output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Unlimited input rise and fall times
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3. Applications
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - 74HCT132D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT132D PHILIPS-74HCT132D Datasheet
70Kb / 8P
Quad 2-input NAND Schmitt trigger
September 1993
logo
Nexperia B.V. All right...
74HCT132D-Q100 NEXPERIA-74HCT132D-Q100 Datasheet
248Kb / 19P
Quad 2-input NAND Schmitt trigger
logo
NXP Semiconductors
74HCT132DB PHILIPS-74HCT132DB Datasheet
70Kb / 8P
Quad 2-input NAND Schmitt trigger
September 1993
More results


Similar Description - 74HCT132D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
Quad 2-input NAND Schmitt trigger
1999 Sep 24
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com