Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT153D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT153D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT153D
Download  74HCT153D Download
File Size   248.46 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input multiplexer

74HCT153D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT153D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT153D
Download  74HCT153D Click to download

File Size   248.46 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-input multiplexer

74HCT153D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT153D Product details

1. General description
The 74HC153; 74HCT153 is a dual 4-input multiplexer. The device features independent enable
inputs (nE) and common data select inputs (S0 and S1). For each multiplexer, the select inputs
select one of the four binary inputs and routes it to the multiplexer output (nY). A HIGH on E forces
the corresponding multiplexer outputs LOW. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC153: CMOS level
• For 74HCT153: TTL level
• Non-inverting outputs
• Separate enable input for each output
• Common select inputs
• Permits multiplexing from n lines to 1 line
• Enable line provided for cascading (n lines to 1 line)
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74HCT153D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT153D PHILIPS-74HCT153D Datasheet
46Kb / 7P
Dual 4-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT153D-Q100 NEXPERIA-74HCT153D-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
74HCT153D-Q100 NEXPERIA-74HCT153D-Q100 Datasheet
247Kb / 14P
Dual 4-input multiplexer
Rev. 5 - 13 August 2021
logo
NXP Semiconductors
74HCT153DB PHILIPS-74HCT153DB Datasheet
46Kb / 7P
Dual 4-input multiplexer
December 1990
More results


Similar Description - 74HCT153D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
Dual 4-Input Multiplexer
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
Dual 4-input multiplexer
1991 Feb 08
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
Dual 4-Input Multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
DUAL 4-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com