Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC165D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC165D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC165D
Download  74HC165D Download
File Size   295.29 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit parallel-in/serial out shift register

74HC165D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC165D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC165D
Download  74HC165D Click to download

File Size   295.29 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit parallel-in/serial out shift register

74HC165D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC165D Product details

1. General description
The 74HC165; 74HCT165 are 8-bit serial or parallel-in/serial-out shift registers. The device
features a serial data input (DS), eight parallel data inputs (D0 to D7) and two complementary
serial outputs (Q7 and Q7). When the parallel load input (PL) is LOW the data from D0 to D7 is
loaded into the shift register asynchronously. When PL is HIGH data enters the register serially at
DS. When the clock enable input (CE) is LOW data is shifted on the LOW-to-HIGH transitions of
the CP input. A HIGH on CE will disable the CP input. Inputs are overvoltage tolerant to 15 V. This
enables the device to be used in HIGH-to-LOW level shifting applications.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Asynchronous 8-bit parallel load
• Synchronous serial input
• Input levels:
• For 74HC165: CMOS level
• For 74HCT165: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Parallel-to-serial data conversion




Similar Part No. - 74HC165D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC165D PHILIPS-74HC165D Datasheet
73Kb / 10P
8-bit parallel-in/serial-out shift register
December 1990
74HC165D NXP-74HC165D Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Toshiba Semiconductor
74HC165D TOSHIBA-74HC165D Datasheet
257Kb / 14P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.3.0
logo
Nexperia B.V. All right...
74HC165D-Q100 NEXPERIA-74HC165D-Q100 Datasheet
260Kb / 21P
8-bit parallel-in/serial out shift register
74HC165D-Q100 NEXPERIA-74HC165D-Q100 Datasheet
282Kb / 18P
8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
More results


Similar Description - 74HC165D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com