Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT174D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT174D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT174D
Download  74HCT174D Download
File Size   255.38 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex D-type flip-flop with reset; positive-edge trigger

74HCT174D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT174D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT174D
Download  74HCT174D Click to download

File Size   255.38 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex D-type flip-flop with reset; positive-edge trigger

74HCT174D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT174D Product details

1. General description
The 74HC174; 74HCT174 are hex positive edge-triggered D-type flip-flops with individual data
inputs (Dn) and outputs (Qn). The common clock (CP) and master reset (MR) inputs load and reset
all flip-flops simultaneously. The D-input that meets the set-up and hold time requirements on the
LOW-to-HIGH clock transition is stored in the flip-flop and appears at the Q output. A LOW on MR
causes the flip-flops and outputs to be reset LOW. Inputs include clamp diodes. This enables the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Input levels:
• For 74HC174: CMOS level
• For 74HCT174: TTL level
• Six edge-triggered D-type flip-flops
• Asynchronous master reset
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V.
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74HCT174D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT174D PHILIPS-74HCT174D Datasheet
101Kb / 13P
Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HCT174D-Q100 NEXPERIA-74HCT174D-Q100 Datasheet
730Kb / 16P
Hex D-type flip-flop with reset; positive-edge trigger
74HCT174D-Q100 NEXPERIA-74HCT174D-Q100 Datasheet
252Kb / 14P
Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
logo
NXP Semiconductors
74HCT174DB PHILIPS-74HCT174DB Datasheet
101Kb / 13P
Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
More results


Similar Description - 74HCT174D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
Hex D-type flip-flop with reset; positive-edge trigger
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com