Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT238 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT238 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT238
Download  74HCT238 Download
File Size   267.32 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer

74HCT238 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT238 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT238
Download  74HCT238 Click to download

File Size   267.32 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer

74HCT238 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT238 Product details

1. General description
The 74HC238; 74HCT238 decodes three binary weighted address inputs (A0, A1 and A2) to eight
mutually exclusive outputs (Y0 to Y7). The device features three enable inputs (E1 and E2 and
E3). Every output will be LOW unless E1 and E2 are LOW and E3 is HIGH. This multiple enable
function allows easy parallel expansion to a 1-of-32 (5 to 32 lines) decoder with just four '238 ICs
and one inverter. The '238 can be used as an eight output demultiplexer by using one of the active
LOW enable inputs as the data input and the remaining enable inputs as strobes. Inputs include
clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Demultiplexing capability
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Active HIGH mutually exclusive outputs
• Input levels:
• For 74HC238: CMOS level
• For 74HCT238: TTL level
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCT238

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT238 PHILIPS-74HCT238 Datasheet
49Kb / 7P
3-to-8 line decoder/demultiplexer
December 1990
74HCT238 NXP-74HCT238 Datasheet
120Kb / 18P
3-to-8 line decoder/demultiplexer
Rev. 03-16 July 2007
logo
Nexperia B.V. All right...
74HCT238-Q100 NEXPERIA-74HCT238-Q100 Datasheet
255Kb / 15P
3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
logo
NXP Semiconductors
74HCT238BQ NXP-74HCT238BQ Datasheet
120Kb / 18P
3-to-8 line decoder/demultiplexer
Rev. 03-16 July 2007
logo
Nexperia B.V. All right...
74HCT238BQ-Q100 NEXPERIA-74HCT238BQ-Q100 Datasheet
244Kb / 17P
3-to-8 line decoder/demultiplexer
More results


Similar Description - 74HCT238

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
3-to-8-line Decoder / Demultiplexer
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
3-to-8-line Decoder / Demultiplexer
logo
Texas Instruments
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com