Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC245
Download  74HC245 Download
File Size   264.95 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal bus transceiver; 3-state

74HC245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC245
Download  74HC245 Click to download

File Size   264.95 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal bus transceiver; 3-state

74HC245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC245 Product details

1. General description
The 74HC245; 74HCT245 is an 8-bit transceiver with 3-state outputs. The device features an
output enable (OE) and send/receive (DIR) for direction control. A HIGH on OE causes the outputs
to assume a high-impedance OFF-state. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Octal bidirectional bus interface
• Non-inverting 3-state outputs
• Input levels:
• For 74HC245: CMOS level
• For 74HCT245: TTL level
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC245 PHILIPS-74HC245 Datasheet
130Kb / 22P
Octal bus transceiver; 3-state
Rev. 03-31 January 2005
logo
ON Semiconductor
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
logo
Shenzhen Putianhe Techn...
74HC245 PTH-74HC245 Datasheet
326Kb / 8P
8bit CMOS
logo
SHENZHEN FUMAN ELECTRON...
74HC245 FUMAN-74HC245 Datasheet
261Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74HC245-Q100 NEXPERIA-74HC245-Q100 Datasheet
735Kb / 20P
Octal bus tranceiver; 3-state
More results


Similar Description - 74HC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com