Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT368 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT368 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT368
Download  74HCT368 Download
File Size   244.12 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex buffer/line driver; 3-state; inverting

74HCT368 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT368 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT368
Download  74HCT368 Click to download

File Size   244.12 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex buffer/line driver; 3-state; inverting

74HCT368 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT368 Product details

1. General description
The 74HC368; 74HCT368 is a hex inverting buffer/line driver with 3-state outputs controlled by
the output enable inputs (nOE). A HIGH on nOE causes the outputs to assume a high impedance
OFF-state. Inputs include clamp diodes enable the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• Input levels:
• For 74HC368: CMOS level
• For 74HCT368: TTL level
• CMOS low power dissipation
• High noise immunity
• Inverting 3-state outputs
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT368

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT368 PHILIPS-74HCT368 Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
logo
List of Unclassifed Man...
74HCT368 ETC1-74HCT368 Datasheet
174Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
NXP Semiconductors
74HCT368D PHILIPS-74HCT368D Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74HCT368DB PHILIPS-74HCT368DB Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74HCT368N PHILIPS-74HCT368N Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
More results


Similar Description - 74HCT368

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74LV368 PHILIPS-74LV368 Datasheet
124Kb / 12P
Hex buffer/line driver; inverting 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
NXP Semiconductors
74HC366 NXP-74HC366 Datasheet
128Kb / 19P
Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com