Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT85 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT85 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT85
Download  74HCT85 Download
File Size   263.41 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit magnitude comparator

74HCT85 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT85 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT85
Download  74HCT85 Click to download

File Size   263.41 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit magnitude comparator

74HCT85 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT85 Product details

1. General description
The 74HC85; 74HCT85 is a 4-bit magnitude comparator that can be expanded to almost any
length. They perform comparison of two 4-bit binary, BCD or other monotonic codes and present
the three possible magnitude results at the outputs (QA>B, QA=B and QAweighted (A0 to A3 and B0 to B3), where A3 and B3 are the most significant bits. For proper
compare operation the expander inputs (IA>B, IA=B and IAbe connected as follows: IAB = LOW and IA=B = HIGH. For words greater than 4-bits, units
can be cascaded by connecting outputs QA>B, QA=B and QAthe significant comparator. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC85: CMOS level
• For 74HCT85: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-A exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Process controllers
• Servo-motor control




Similar Part No. - 74HCT85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT85 PHILIPS-74HCT85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HCT85D PHILIPS-74HCT85D Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HCT85DB PHILIPS-74HCT85DB Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HCT85N PHILIPS-74HCT85N Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
74HCT85PW PHILIPS-74HCT85PW Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
More results


Similar Description - 74HCT85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com