Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50051L Datasheet (PDF) - Belden Inc.

50051L Datasheet PDF - Belden Inc.
Part # 50051L
Download  50051L Download
File Size   152.96 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485 FR, 1P18AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved

50051L Datasheet (PDF)

Go To PDF Page Download Datasheet
50051L Datasheet PDF - Belden Inc.

Part # 50051L
Download  50051L Click to download

File Size   152.96 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485 FR, 1P18AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved

50051L Datasheet (HTML) - Belden Inc.


50051L Product details

Product Description
RS-485 Fire Resistant, 1PR x 18AWG Stranded Tinned Copper, Mica Glass Tape, Electron-Beam Cross Linked Polyethylene Insulation, Overall Foil Plus
Tinned Copper Braid Shield, Low Smoke Zero Halogen Jacket, IEC60331-23 Fire Resistant Rating, ABS Approved




Similar Part No. - 50051L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50051 ETC2-50051 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
More results


Similar Description - 50051L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50001L BELDEN-50001L Datasheet
152Kb / 2P
RS485 FR, 1P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50004L BELDEN-50004L Datasheet
153Kb / 2P
RS485 FR, 4P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50011L BELDEN-50011L Datasheet
148Kb / 2P
RS485, 1P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50021L BELDEN-50021L Datasheet
152Kb / 2P
RS485 FR, 1P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50022LB BELDEN-50022LB Datasheet
153Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LS BELDEN-50031LS Datasheet
154Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50091L BELDEN-50091L Datasheet
147Kb / 2P
RS485, 1P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50022L BELDEN-50022L Datasheet
144Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50022LS BELDEN-50022LS Datasheet
154Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB BELDEN-50031LB Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com