Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50061L Datasheet (PDF) - Belden Inc.

50061L Datasheet PDF - Belden Inc.
Part # 50061L
Download  50061L Download
File Size   147.71 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485, 1P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved

50061L Datasheet (PDF)

Go To PDF Page Download Datasheet
50061L Datasheet PDF - Belden Inc.

Part # 50061L
Download  50061L Click to download

File Size   147.71 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485, 1P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved

50061L Datasheet (HTML) - Belden Inc.


50061L Product details

Product Description
RS-485, 1PR x 20AWG Stranded Tinned Copper, Foamed Electron-Beam Cross Linked Polyethylene Insulation, Overall Foil Plus Tinned Copper Braid
Shield, Low Smoke Zero Halogen Jacket, ABS Approved




Similar Part No. - 50061L

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50061-8000 MOLEX6-50061-8000 Datasheet
86Kb / 3P
1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Reel
50061-8100 MOLEX6-50061-8100 Datasheet
85Kb / 3P
1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Bag
More results


Similar Description - 50061L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50011L BELDEN-50011L Datasheet
148Kb / 2P
RS485, 1P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50021L BELDEN-50021L Datasheet
152Kb / 2P
RS485 FR, 1P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50064LS BELDEN-50064LS Datasheet
149Kb / 2P
RS485, 4P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50072L BELDEN-50072L Datasheet
148Kb / 2P
RS485, 2P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50091L BELDEN-50091L Datasheet
147Kb / 2P
RS485, 1P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50092L BELDEN-50092L Datasheet
148Kb / 2P
RS485, 2P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50012L BELDEN-50012L Datasheet
149Kb / 2P
RS485, 2P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50062LB BELDEN-50062LB Datasheet
148Kb / 2P
RS485, 2P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWB,LSZH Outer Jkt, ABS Approved
01-23-2023
50064L BELDEN-50064L Datasheet
152Kb / 2P
RS485, 4P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50071L BELDEN-50071L Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com