Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES6629F Datasheet (PDF) - List of Unclassifed Manufacturers

ES6629F Datasheet PDF - List of Unclassifed Manufacturers
Part # ES6629F
Download  ES6629F Download
File Size   60.33 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Vibratto-II Automotive DVD Processor Product Brief

ES6629F Datasheet (PDF)

Go To PDF Page Download Datasheet
ES6629F Datasheet PDF - List of Unclassifed Manufacturers

Part # ES6629F
Download  ES6629F Click to download

File Size   60.33 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Vibratto-II Automotive DVD Processor Product Brief

ES6629F Datasheet (HTML) - List of Unclassifed Manufacturers


ES6629F Product details

[ESS Technology, Inc.]



DESCRIPTION

The ES6230 VibrattoII processor is a highly integrated single-chip DVD solution that integrates read channel, ECC, Servo DSP, MCU, and MPEG-2 decoder that has a state-of-the-art 480p/576p progressive-scan video feature to provide brilliant and sharp, flicker-free video output, and S/PDIF input and output support. The ES6230 performs audio/video stream data processing, TV encoding, Macrovision copy protection, DVD system navigation, system control, and housekeeping functions.

The Vibratto-II DVD processor is built on the ESS proprietary dual CPU Programmable Multimedia Processor (PMP) core consisting of 32-bit RISC and 64-bit DSP processors and offers the best DVD feature set. The processing units enable simultaneous parallel execution of system commands and data processing to perform specialized encoding and decoding tasks.



FEATURES

• Single-chip DVD processor incorporating all front-end and back-end functions.

• Unified memory architecture.

• Proven focusing, sledding, tracking, and CLV/CAV spindle servo control.

• Proven ECC, EFM/EFM+ demodulation, and EDC circuit.

• Built-in ADCs and DACs for servo control signals.

• Direct interface to the ES6603 servo AFE chip.

• Integrated NTSC/PAL encoder with pixel-adaptive de-interlacer and three 10-bit 54 MHz video DACs.

• DVD-Video, DVD-VR, VCD 1.1 and 2.0, and SVCD.

• Full DVD-Audio support including MLP and LPCM decode, CPPM decryption, and watermark detection.

• Media playback with CD-ROM, CD-R/RW, DVD-R/RW, and DVD+R/RW.

• Up to 7.1 channel audio outputs.

• Direct interface of 16-bit DRAM up to 128-Mb capacity.

• Direct interface for up to 4 banks of 8-bit EPROM or Flash EPROM for up to 4 MB per bank.

• Macrovision 7.1 for NTSC/PAL interlaced video.

• Macrovision AGC 1.03-compliant for 480p progressive scan video.

• Simultaneous composite, S-video and YUV outputs.

• CCIR 656/601 YUV 4:2:2 output.

• OSD controller supports 256 colors in 8 degrees of transparency.

• Subpicture Unit (SPU) decoder supports karaoke lyric, subtitles, and EIA-608 compliant Line 21 Captioning.

• SmartLogo™ for custom JPEG wallpaper.

• JPEG digital photo support (Kodak Picture CD™ and Fujifilm FujiColor CD).

• ESS Music Slideshow™.

• Windows™ Media Audio (WMA).

• Dolby Digital (AC-3), Dolby Pro Logic™, and Pro Logic II.

• DTS surround.

• S/PDIF digital audio input and output.

• MPEG AAC and Multichannel.

• SRS TruSurround.

• Professional karaoke with full scoring scheme.

• Slave mode operation for control by host processor.

• Extended temperature range –20° C to 70° C ambient for automotive applications.

• Lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi.



 




Similar Part No. - ES6629F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES6629F ETC1-ES6629F Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6629FD ETC1-ES6629FD Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
More results


Similar Description - ES6629F

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
ESS Technology,Inc
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
Vibratto-S DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
Vibratto DVD Processor
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
Vibratto-S Automotive DVD Processor Product Brief
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com