Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB8130 Datasheet (PDF) - Cirrus Logic

CDB8130 Datasheet PDF - Cirrus Logic
Part # CDB8130
Download  CDB8130 Download
File Size   695.83 Kbytes
Page   10 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board

CDB8130 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB8130 Datasheet PDF - Cirrus Logic

Part # CDB8130
Download  CDB8130 Click to download

File Size   695.83 Kbytes
Page   10 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board

CDB8130 Datasheet (HTML) - Cirrus Logic


CDB8130 Product details

General Description
The CS8130 is an infrared transceiver integrated circuit. The receive channel includes on-chip high gain PIN diode amplifier, IrDA, HPSIR, ASK & TV remote compatible decoder, and data pulse stretcher. The transmit path includes IrDA, HPSIR, ASK & TV remote compatible encoder, and LED driver. The computer data port is standard UART TxD and RxD compatible, and operates from 1200 to 115200 baud.
External PIN diode and transmit LED are required. A control mode is provided to allow easy UART programming of different modes.
The CS8130 operates from power supplies of +2.7V to +5.5V.

Features
• Adds IR port to standard UART
• IrDA, HPSIR, ASK (CW) & TV remote compatible
• 1200bps to 115kbps data rate
• Programmable Tx LED power
• Programmable Rx threshold level
• Power down modes
• Direct, no modulation, mode
• Tiny 5x7mm 20 pin SSOP package
• +2.7V to +5.5V supply




Similar Part No. - CDB8130

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDB80D92 SUMIDA-CDB80D92 Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R12MC SUMIDA-CDB80D92NP-R12MC Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R15MC SUMIDA-CDB80D92NP-R15MC Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R22MC SUMIDA-CDB80D92NP-R22MC Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R30MC SUMIDA-CDB80D92NP-R30MC Datasheet
246Kb / 4P
SMD Power Inductor
More results


Similar Description - CDB8130

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
AKD4140-B AKM-AKD4140-B Datasheet
545Kb / 31P
Evaluation board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com