Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBB021M12FM3 Datasheet (PDF) - WOLFSPEED, INC.

CBB021M12FM3 Datasheet PDF - WOLFSPEED, INC.
Part # CBB021M12FM3
Download  CBB021M12FM3 Download
File Size   2322.82 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 21 mΩ, Silicon Carbide, Full-Bridge Module

CBB021M12FM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBB021M12FM3 Datasheet PDF - WOLFSPEED, INC.

Part # CBB021M12FM3
Download  CBB021M12FM3 Click to download

File Size   2322.82 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 21 mΩ, Silicon Carbide, Full-Bridge Module

CBB021M12FM3 Datasheet (HTML) - WOLFSPEED, INC.


CBB021M12FM3 Product details

Technical Features
• Ultra-Low Loss
• High Frequency Operation
• Zero Turn-Off Tail Current from MOSFET
• Normally-Off, Fail-Safe Device Operation
• Optional Pre-Applied Thermal Interface Material
Applications
• DC-DC Converters
• EV Chargers
• High-Efficiency Converters / Inverters
• Renewable Energy
• Smart-Grid / Grid-Tied Distributed Generation
1200 V, 21 mΩ, Silicon Carbide, Full-Bridge Module
VDS 1200 V
RDS(on) 21 mΩ
System Benefits
• Enables Compact, Lightweight Systems
• Increased System Efficiency, due to Low Switching
& Conduction Losses of SiC
• Reduced Thermal Requirements and System Cost




Similar Part No. - CBB021M12FM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
High Pulse Load Carbon Film Leaded Resistors
07-Jul-10
logo
Tenma
CBB020837 TENMA-CBB020837 Datasheet
655Kb / 2P
Heating Elements
12/06/12 V1.0
CBB020840 TENMA-CBB020840 Datasheet
655Kb / 2P
Heating Elements
12/06/12 V1.0
More results


Similar Description - CBB021M12FM3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTWA70N120G2V STMICROELECTRONICS-SCTWA70N120G2V Datasheet
229Kb / 12P
Silicon carbide Power MOSFET 1200 V, 21 mΩ typ., 91 A
10-Oct-2022
logo
WOLFSPEED, INC.
CAB006A12GM3 WOLFSPEED-CAB006A12GM3 Datasheet
2Mb / 12P
1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB006M12GM3 WOLFSPEED-CAB006M12GM3 Datasheet
2Mb / 12P
1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB008M12GM3 WOLFSPEED-CAB008M12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
CAB011A12GM3 WOLFSPEED-CAB011A12GM3 Datasheet
2Mb / 11P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, May 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB016M12FM3 WOLFSPEED-CAB016M12FM3 Datasheet
3Mb / 12P
1200 V, 16 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CBB032M12FM3 WOLFSPEED-CBB032M12FM3 Datasheet
2Mb / 12P
1200 V, 32 mΩ, Silicon Carbide, Full-Bridge Module
Rev. 2, April 2023
CCB021M12FM3 WOLFSPEED-CCB021M12FM3 Datasheet
3Mb / 12P
1200 V, 21 mΩ, Silicon Carbide, Six-Pack Module
Rev. 2, April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com