Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2379T1P Datasheet (PDF) - Renesas Technology Corp

UPA2379T1P Datasheet PDF - Renesas Technology Corp
Part # UPA2379T1P
Download  UPA2379T1P Download
File Size   311.91 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOSFET FOR SWITCHING

UPA2379T1P Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA2379T1P Datasheet PDF - Renesas Technology Corp

Part # UPA2379T1P
Download  UPA2379T1P Click to download

File Size   311.91 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOSFET FOR SWITCHING

UPA2379T1P Datasheet (HTML) - Renesas Technology Corp


UPA2379T1P Product details

DESCRIPTION
The μPA2379T1P is a switching device, which can be driven directly by a 2.5 V power source.
The μ PA2379T1P features a low on-state resistance and excellent switching characteristics, and is suitable for single
cell LiB application.
FEATURES
• 2.5 V drive available
• Ultra Low on-state resistance
⎯ RSS(on)1 = 11.9 mΩ MAX. (VGS = 4.5 V, IS = 4.0 A)
⎯ RSS(on)2 = 12.8 mΩ MAX. (VGS = 4.0 V, IS = 4.0 A)
⎯ RSS(on)3 = 13.0 mΩ MAX. (VGS = 3.8 V, IS = 4.0 A)
⎯ RSS(on)4 = 17.6 mΩ MAX. (VGS = 3.1 V, IS = 4.0 A)
⎯ RSS(on)5 = 26.0 mΩ MAX. (VGS = 2.5 V, IS = 4.0 A)
• Built-in G-S protection diode against ESD




Similar Part No. - UPA2379T1P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2373T1P RENESAS-UPA2373T1P Datasheet
223Kb / 11P
Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
UPA2373T1P-E4-A RENESAS-UPA2373T1P-E4-A Datasheet
223Kb / 11P
Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
More results


Similar Description - UPA2379T1P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA672CT RENESAS-UPA672CT Datasheet
163Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com