Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1840324 Datasheet (PDF) - PHOENIX CONTACT

1840324 Datasheet PDF - PHOENIX CONTACT
Part # 1840324
Download  1840324 Download
File Size   1570.65 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/17-ST-3,81 - PCB connector

1840324 Datasheet (PDF)

Go To PDF Page Download Datasheet
1840324 Datasheet PDF - PHOENIX CONTACT

Part # 1840324
Download  1840324 Click to download

File Size   1570.65 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/17-ST-3,81 - PCB connector

1840324 Datasheet (HTML) - PHOENIX CONTACT


1840324 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Socket, number of potentials: 17, number of
rows: 1, number of positions: 17, number of connections: 17, product range: MC 1,5/..-ST, pitch:
3.81 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1840324

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
1840324 MICROCHIP-1840324 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
More results


Similar Description - 1840324

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803578 PHOENIX-1803578 Datasheet
143Kb / 6P
MC 1,5/ 2-ST-3,81
1803620 PHOENIX-1803620 Datasheet
144Kb / 6P
MC 1,5/ 7-ST-3,81
1803633 PHOENIX-1803633 Datasheet
144Kb / 6P
MC 1,5/ 8-ST-3,81
1803646 PHOENIX-1803646 Datasheet
144Kb / 6P
MC 1,5/ 9-ST-3,81
1803675 PHOENIX-1803675 Datasheet
144Kb / 6P
MC 1,5/12-ST-3,81
1803691 PHOENIX-1803691 Datasheet
144Kb / 6P
MC 1,5/14-ST-3,81
1850819 PHOENIX-1850819 Datasheet
108Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/17-ST-3,81
1840337 PHOENIX-1840337 Datasheet
1Mb / 20P
PCB connector - MC 1,5/18-ST-3,81
Jul 21, 2022
1851999 PHOENIX-1851999 Datasheet
580Kb / 13P
PCB connector - MC 1,5/ 2-ST-3,81 AU
Dec 30, 2022
1840515 PHOENIX-1840515 Datasheet
960Kb / 18P
PCB connector - MC 1,5/17-ST-3,5
Jan 4, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com