Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1862233 Datasheet (PDF) - PHOENIX CONTACT

1862233 Datasheet PDF - PHOENIX CONTACT
Part # 1862233
Download  1862233 Download
File Size   360.75 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/13-3,5-EL - PCB terminal block

1862233 Datasheet (PDF)

Go To PDF Page Download Datasheet
1862233 Datasheet PDF - PHOENIX CONTACT

Part # 1862233
Download  1862233 Click to download

File Size   360.75 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/13-3,5-EL - PCB terminal block

1862233 Datasheet (HTML) - PHOENIX CONTACT


1862233 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 160 V, nominal cross section: 1.5
mm2, number of potentials: 13, number of rows: 1, number of positions per row: 13, product
range: SPTAF 1/..-EL, pitch: 3.5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 2.6 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Finger-operated release button for very convenient operation
• Small component size for applications where space is at a premium
• Quick and convenient testing using integrated test option




Similar Part No. - 1862233

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18622 ATOM-18622 Datasheet
275Kb / 2P
AT9422
24th of January 2025 17:56:17
logo
PHOENIX CONTACT
1862204 PHOENIX-1862204 Datasheet
135Kb / 7P
PCB terminal block - SPTAF 1/14-3,5-IL
1862205 PHOENIX-1862205 Datasheet
89Kb / 5P
Plug - MC 1,5/16-ST-3,81 BD:1-16
1862220 PHOENIX-1862220 Datasheet
135Kb / 7P
PCB terminal block - SPTAF 1/16-3,5-IL
1862246 PHOENIX-1862246 Datasheet
359Kb / 10P
SPTAF 1/14-3,5-EL - PCB terminal block
More results


Similar Description - 1862233

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1862055 PHOENIX-1862055 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 3-3,5-EL
1862068 PHOENIX-1862068 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 4-3,5-EL
1862084 PHOENIX-1862084 Datasheet
147Kb / 7P
PCB terminal block - SPTAF 1/ 6-3,5-EL
1862097 PHOENIX-1862097 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 7-3,5-EL
1862107 PHOENIX-1862107 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 8-3,5-EL
1862110 PHOENIX-1862110 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 9-3,5-EL
1862149 PHOENIX-1862149 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/12-3,5-EL
1862262 PHOENIX-1862262 Datasheet
135Kb / 7P
PCB terminal block - SPTAF 1/16-3,5-EL
1862123 PHOENIX-1862123 Datasheet
251Kb / 7P
PCB terminal block - SPTAF 1/10-3,5-EL
1862246 PHOENIX-1862246 Datasheet
359Kb / 10P
SPTAF 1/14-3,5-EL - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com