Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AM625 Datasheet PDF - Texas Instruments
Part # AM625
Download  AM625 Download
File Size   5305.04 Kbytes
Page   259 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM62x Sitara™ Processors

AM625 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM625 Datasheet PDF - Texas Instruments

Part # AM625
Download  AM625 Click to download

File Size   5305.04 Kbytes
Page   259 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM62x Sitara™ Processors

AM625 Datasheet (HTML) - Texas Instruments


AM625 Product details

1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4 GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 Core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-M4F MCU at up to 400
MHz
– 256KB SRAM with SECDED ECC
• Dedicated Device/Power Manager
Multimedia:
• Display subsystem
– Dual display support
– 1920x1080 @ 60fps for each display
– 1x 2048x1080 + 1x 1280x720
– Up to 165 MHz pixel clock support with
Independent PLL for each display
– OLDI (4 lanes LVDS - 2x) and DPI (24-bit RGB
LVCMOS)
– Support safety feature such as freeze frame
detection and MISR data check
• 3D Graphics Processing Unit
– 1 pixel per clock or higher
– Fillrate greater than 500 Mpixels/sec
– >500 MTexels/s, >8 GFLOPs
– Supports at least 2 composition layers
– Supports up to 2048x1080 @60fps
– Supports ARGB32, RGB565 and YUV formats
– 2D graphics capable
– OpenGL ES 3.1, Vulkan 1.2
• One Camera Serial interface (CSI-Rx) - 4 Lane
with DPHY
– MIPI® CSI-2 v1.3 Compliant + MIPI D-PHY 1.2
– Support for 1,2,3 or 4 data lane mode up to
1.5Gbps
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
Memory Subsystem:
• Up to 816KB of On-chip RAM
– 64KB of On-chip RAM (OCSRAM) with
SECDED ECC , Can be divided into smaller
banks in increments of 32KB for as many as 2
separate memory banks
– 256KB of On-chip RAM with SECDED ECC in
SMS Subsystem
– 176KB of On-chip RAM with SECDED ECC in
SMS Subsystem for TI security firmware
– 256KB of On-chip RAM with SECDED ECC in
Cortex-M4F MCU subsystem
– 64KB of On-chip RAM with SECDED ECC in
Device/Power Manager Subsystem
• DDR Subsystem (DDRSS)
– Supports LPDDR4, DDR4 memory types
– 16-Bit data bus with inline ECC
– Supports speeds up to 1600 MT/s
– Max addressable range
• 8GBytes with DDR4
• 4GBytes with LPDDR4
Functional Safety:
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3 targeted
– Hardware Integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 by TUV SUD planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL D targeted
– Hardware integrity up to ASIL B targeted
– Safety-related certification
• ISO 26262 by TUV SUD planned
• AEC - Q100 qualified
Security:
• Secure boot supported
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
– Secure storage support
– Replay Protected Memory Block (RPMB)
support
• Dedicated Security Controller with user
programmable HSM core and dedicated security
DMA & IPC subsystem for isolated processing
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
• Supports cryptographic cores
– AES – 128-/192-/256-Bit key sizes
– SHA2 – 224-/256-/384-/512-Bit key sizes
– DRBG with true random number generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC processing for secure boot
• Debugging security
– Secure software controlled debug access
– Security aware debugging
PRU Subsystem:
• Dual-core Programmable Real-Time Unit
Subystem (PRUSS) running up to 333 MHz
• Intended for driving GPIO for cycle accurate
protocols such as additional:
– General Purpose Input/Output (GPIO)
– UARTs
– I2C
– External ADC
• 16KByte program memory per PRU with SECDED
ECC
• 8KB data memory per PRU with SECDED ECC
• 32KB general purpose memory with SECDED
ECC
• CRC32/16 HW accelerator
• Scratch PAD memory with 3 banks of 30 x 32-bit
registers
• 1 Industrial 64-bit timer with 9 capture and
16 compare events, along with slow and fast
compensation
• 1 interrupt controller (INTC), minimum of 64 input
events supported
High-Speed Interfaces:
• Integrated Ethernet switch supporting (total 2
external ports)
– RMII(10/100) or RGMII (10/100/1000)
– IEEE1588 (Annex D, Annex E, Annex F with
802.1AS PTP)
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority based flow control
– Time sensitive networking (TSN) support
– Four CPU H/W interrupt Pacing
– IP/UDP/TCP checksum offload in hardware
• Two USB2.0 Ports
– Port configurable as USB host, USB peripheral,
or USB Dual-Role Device (DRD mode)
– Integrated USB VBUS detection
– Trace over USB supported
General Connectivity:
• 9x Universal Asynchronous Receiver-Transmitters
(UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 6x Inter-Integrated Circuit (I2C) ports
• 3x Multichannel Audio Serial Ports (McASP)
– Transmit and Receive Clocks up to 50 MHz
– Up to 16/10/6 Serial Data Pins across 3x
McASP with Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive (256
Bytes)
– Support for audio reference output clock
• 3x enhanced PWM modules (ePWM)
• 3x enhanced Quadrature Encoder Pulse modules
(eQEP)
• 3x enhanced Capture modules (eCAP)
• General-Purpose I/O (GPIO), All LVCMOS I/O can
be configured as GPIO
• 3x Controller Area Network (CAN) modules with
CAN-FD support
– Conforms w/ CAN Protocol 2.0 A, B and ISO
11898-1
– Full CAN FD support (up to 64 data bytes)
– Parity/ECC check for Message RAM
– Speed up to 8Mbps
Media and Data Storage:
• 3x Multi-Media Card/Secure Digital® (MMC/SD®)
interface
– 1x 8-bit eMMC interface up to HS200 speed
– 2x 4-bit SD/SDIO interface up to UHS-I
– Compliant with eMMC 5.1, SD 3.0 and SDIO
Version 3.0
• 1× General-Purpose Memory Controller (GPMC)
up to 133 MHz
– Flexible 8- and 16-Bit Asynchronous Memory
Interface With up to four Chip (22-bit address)
Selects (NAND, NOR, Muxed-NOR, and
SRAM)
– Uses BCH Code to Support 4-, 8-, or 16-Bit
ECC
– Uses Hamming Code to Support 1-Bit ECC
– Error Locator Module (ELM)
• Used With the GPMC to Locate Addresses
of Data Errors From Syndrome Polynomials
Generated Using a BCH Algorithm
• Supports 4-, 8-, and 16-Bit Per 512-Byte
Block Error Location Based on BCH
Algorithms
• OSPI/QSPI with DDR / SDR support
– Support for Serial NAND and Serial NOR flash
devices
– 4GBytes memory address support
– XIP mode with optional on-the-fly encryption
Power Management:
• Low power modes supported by Device/Power
Manager
– Partial IO support for CAN/GPIO/UART wakeup
– DeepSleep
– MCU Only
– Standby
– Dynamic frequency scaling for Cortex-A53
Optimal Power Management Solution:
• Recommended TPS65219 Power Management
ICs (PMIC)
– Companion PMIC specially designed to meet
device power supply requirements
– Flexible mapping and factory programmed
configurations to support different use cases
Boot Options:
• UART
• I2C EEPROM
• OSPI/QSPI Flash
• GPMC NOR/NAND Flash
• Serial NAND Flash
• SD Card
• eMMC
• USB (host) boot from Mass Storage device
• USB (device) boot from external host (DFU mode)
• Ethernet
Technology / Package:
• 16-nm technology
• 13 mm x 13 mm, 0.5-mm pitch, 425-pin FCCSP
BGA (ALW)
• 17.2 mm x 17.2 mm, 0.8-mm pitch, 441-pin
FCBGA (AMC)

2 Applications
• Human Machine Interfaces (HMI)
• Retail automation
• Driver Monitoring System (DMS/OMS) / In-Cabin Monitoring (ICM)
• Telematics Control Unit (TCU)
• 3D Point Cloud
• Vehicle to Infrastructure / Vehicle to Vehicle (V2X / V2V)
• 3D Re-configurable automotive instrument cluster
• Appliance user interface and connectivity
• Medical equipment

3 Description
The low-cost AM62x Sitara™ MPU family of application processors are built for Linux® application development.
With scalable Arm® Cortex®-A53 performance and embedded features, such as: dual-display support and 3D
graphics acceleration, along with an extensive set of peripherals that make the AM62x device well-suited for
a broad range of industrial and automotive applications while offering intelligent features and optimized power
architecture as well.
Some of these applications include:
• Industrial HMI
• EV charging stations
• Touchless building access
• Driver monitoring systems
AM62x Sitara™ processors are industrial-grade in the 13 x 13 mm package (ALW) and can meet the AEC -
Q100 automotive standard in the 17.2 x 17.2 mm package (AMC). Industrial and Automotive functional safety
requirements can be addressed using the integrated Cortex-M4F cores and dedicated peripherals, which can all
be isolated from the rest of the AM62x processor.
The 3-port Gigabit Ethernet switch has one internal port and two external ports with Time-Sensitive Networking
(TSN) support. An additional PRU module on the device enables real-time I/O capability for customer’s own
use cases. In addition, the extensive set of peripherals included in AM62x enables system-level connectivity,
such as: USB, MMC/SD, Camera interface, OSPI, CAN-FD and GPMC for parallel host interface to an external
ASIC/FPGA. The AM62x device also supports secure boot for IP protection with the built-in Hardware Security
Module (HSM) and employs advanced power management support for portable and power-sensitive applications
Products in the AM62x processor family:
• AM625 – Human-machine Interaction SoC with Arm® Cortex®-A53 based edge AI and full-HD dual-display
• AM625-Q1 – Automotive Display SoC with embedded safety for digital clusters
• AM623 – Internet of Thinks (IoT) and Gateway SoC with Arm® Cortex®-A53 based object and gesture
recognition
• AM620-Q1 – Automotive Compute SoC with embedded safety for driver monitoring, networking and V2X
systems




Similar Part No. - AM625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM625 TI-AM625 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM625 TI-AM625 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM625 TI-AM625 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
More results


Similar Description - AM625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM625 TI-AM625 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM625 TI-AM625_V01 Datasheet
5Mb / 235P
AM62x Sitara??Processors
JUNE 2022
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6442 TI-AM6442_V03 Datasheet
6Mb / 260P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com