Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX84200 Datasheet (PDF) - Synaptics Incorporated.

CX84200 Datasheet PDF - Synaptics Incorporated.
Part # CX84200
Download  CX84200 Download
File Size   1224.68 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Network Processor with lntegrated Ethernet Switch

CX84200 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX84200 Datasheet PDF - Synaptics Incorporated.

Part # CX84200
Download  CX84200 Click to download

File Size   1224.68 Kbytes
Page   2 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Network Processor with lntegrated Ethernet Switch

CX84200 Datasheet (HTML) - Synaptics Incorporated.


CX84200 Product details

Single-Chip Solution with Integrated Five-Port Ethernet Switch

Conexant’s broadband communications portfolio includes a comprehensive suite of semiconductor solutions that enable the digital home and information network. The Conexant CX84200 Network Processor supports complete networking system solutions for a wide variety of mainstream applications in the residential and SOHO environments. Based on a 75 MHz ARM7TDMI, this Network Processor is a single-chip solution with an integrated switch that supports five 10/100 Mbps Ethernet ports.

CX84200 Features
• 5 Ethernet ports, 1 MII
• Embedded RISC CPU, 75MHZ ARM7TDMI
• Embedded switch engine
 - Store-and-forward operation
 - Non-blocking, full line speed capability
 - Full-duplex (IEEE802.3x) and half-duplex flow control (Back pressure)
 - Two priorities CoS, set by port, VLAN tag, TCPIP TOS, and customized type
 - 6 port grouping VLAN (overlappable)
 - MIB counters
 - Sharing dynamic data buffer management, embedded SSRAM
 - MAC look-up table read/write-able
 - MAC address level security
 - Bandwidth control
 - Hashing scheme: direct-map or XOR
• Embedded 10/100BaseT/TX PHY
 - DSP based design
 - 10BASE-T/100BASE-TX IEEE 802.3u Compliant
 - Digital Decision Feedback Equalizer
 - Integrated Baseline Wander Correction
 - 3 LEDs provided per port
• Flash interface (512Kx8, 512Kx16 up to 1Mx16)
• SDRAM interface (1Mx16x2 up to 4Mx16x2)
• 2 UART interface, one for the modem interface
• GPIO pins
• LAN / WAN bandwidth prioritized
• Single 25MHz crystal input for network
• 2.5/3.3V, 0.25u CMOS process, 208-pin PQFP




Similar Part No. - CX84200

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX8 EUROQUARTZ-CX8 Datasheet
249Kb / 1P
Tape and Reel Dimensions for CX Crystals
logo
Kyocera Kinseki Corpota...
CX8045GA KSS-CX8045GA Datasheet
60Kb / 1P
8.0횞4.5mm for Automotive
CX8045GA KSS-CX8045GA Datasheet
65Kb / 1P
Crystal units surface mount type
CX8045GA08000H0QTVZ1 KSS-CX8045GA08000H0QTVZ1 Datasheet
65Kb / 1P
Crystal units surface mount type
CX8045GA08000H0QTWZ1 KSS-CX8045GA08000H0QTWZ1 Datasheet
60Kb / 1P
8.0횞4.5mm for Automotive
More results


Similar Description - CX84200

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX86201 CONEXANT-CX86201 Datasheet
222Kb / 2P
Network Processor with Integrated Ethernet Switch and USB2.0 Support
logo
Weidmuller
1286530000 WEIDMULLER-1286530000 Datasheet
319Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286570000 WEIDMULLER-1286570000 Datasheet
322Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286590000 WEIDMULLER-1286590000 Datasheet
244Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286780000 WEIDMULLER-1286780000 Datasheet
248Kb / 5P
Network switch, managed, Fast Ethernet
1286840000 WEIDMULLER-1286840000 Datasheet
276Kb / 5P
Network switch, managed, Fast Ethernet
1504370000 WEIDMULLER-1504370000 Datasheet
325Kb / 5P
Network switch, managed, Fast Ethernet
1504390000 WEIDMULLER-1504390000 Datasheet
325Kb / 5P
Network switch, managed, Fast Ethernet
1504410000 WEIDMULLER-1504410000 Datasheet
230Kb / 3P
Network switch, unmanaged, Fast Ethernet
1240910000 WEIDMULLER-1240910000 Datasheet
322Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com