Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX89 Datasheet (PDF) - ams AG

BPX89 Datasheet PDF - ams AG
Part # BPX89
Download  BPX89 Download
File Size   1134.33 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Silicon NPN Phototransistor Arrays

BPX89 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPX89 Datasheet PDF - ams AG

Part # BPX89
Download  BPX89 Click to download

File Size   1134.33 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Silicon NPN Phototransistor Arrays

BPX89 Datasheet (HTML) - ams AG


BPX89 Product details

Features
- Package: clear epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Spectral range of sensitivity: (typ) 450 ... 1100 nm
- Multiple-digit array package
- High linearity
- Available in groups





Similar Part No. - BPX89

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX89 SIEMENS-BPX89 Datasheet
203Kb / 5P
NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
logo
OSRAM GmbH
BPX89 OSRAM-BPX89 Datasheet
313Kb / 7P
Lead (Pb) Free Product - RoHS Compliant
BPX89 OSRAM-BPX89 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX89 OSRAM-BPX89 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX89 OSRAM-BPX89 Datasheet
331Kb / 11P
Miniature photointerrupters
More results


Similar Description - BPX89

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX80 SIEMENS-BPX80 Datasheet
203Kb / 5P
NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
logo
OSRAM GmbH
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
Silicon NPN Phototransistor Arrays Version 1.3
logo
ams AG
BPX80 AMSCO-BPX80 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com