Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHCS8PM1.24 Datasheet (PDF) - ams AG

GHCS8PM1.24 Datasheet PDF - ams AG
Part # GHCS8PM1.24
Download  GHCS8PM1.24 Download
File Size   1724.24 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.

GHCS8PM1.24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GHCS8PM1.24 Datasheet PDF - ams AG

Part # GHCS8PM1.24
Download  GHCS8PM1.24 Click to download

File Size   1724.24 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.

GHCS8PM1.24 Datasheet (HTML) - ams AG


GHCS8PM1.24 Product details

Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 80°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 463 mW
- Radiant Efficiency: typ. 63 %
- Photosynthetic Photon Flux: typ. 2.52 μmol/s





Similar Part No. - GHCS8PM1.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GHCS8PM1.24-3T1U-1-L OSRAM-GHCS8PM1.24-3T1U-1-L Datasheet
1Mb / 22P
OSLON SSL 80
More results


Similar Description - GHCS8PM1.24

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XME3E1E OPTOSUPPLY-OSM5XME3E1E Datasheet
144Kb / 2P
Xeon 3 Power Warm White LED Long Lifetime Operation Superior UV Resistance
OSYYJ25111A OPTOSUPPLY-OSYYJ25111A Datasheet
112Kb / 1P
5mm Round Yellow &Yellow LED Superior Weather-resistance Long Lifetime Operation
logo
Infineon Technologies A...
BSC035N10NS5 INFINEON-BSC035N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N08NS5 INFINEON-BSC040N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-27
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N10NS5 INFINEON-BSC040N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.1,2015-01-07
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
Superior thermal resistance
Rev.2.1,2014-06-19
logo
ams AG
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
GACSHPM1.23 AMSCO-GACSHPM1.23 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2022-09-12
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com