| Electronic Components Datasheet Search |
|
CG2H40120F Datasheet (PDF) - WOLFSPEED, INC. |
CG2H40120F Datasheet (PDF) |
|
Download Datasheet |
| Part # | CG2H40120F |
| Download | CG2H40120F Click to download |
| File Size | 1282.8 Kbytes |
| Page | 11 Pages |
| Manufacturer | WOLFSPEED [WOLFSPEED, INC.] |
| Direct Link | https://www.wolfspeed.com/ |
| Logo | |
| Description | 120 W, 28 V, RF Power GaN HEMT |
CG2H40120F Datasheet (HTML) - WOLFSPEED, INC. |
CG2H40120F Product details |
|
Similar Part No. - CG2H40120F |
|