Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-819 Datasheet (PDF) - Lite-On Technology Corporation

LTV-819 Datasheet PDF - Lite-On Technology Corporation
Part # LTV-819
Download  LTV-819 Download
File Size   717.16 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High Density Mounting Type Photocoupler

LTV-819 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-819 Datasheet PDF - Lite-On Technology Corporation

Part # LTV-819
Download  LTV-819 Click to download

File Size   717.16 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description High Density Mounting Type Photocoupler

LTV-819 Datasheet (HTML) - Lite-On Technology Corporation


LTV-819 Product details

High Density Mounting Type Photocoupler



High Density Mounting Type Photocoupler



Features

Current transfer ratio(CTR : MIN. 50% at IF=5mA, VCE=5V)

High input-output isolation voltage: (VISO : 5,000Vrms)

Compact dual-in-line package

  LTV-819-1 : 1-channel type

  LTV-819-2 : 1-channel type

  LTV-829 : 2-channel type

  LTV-849 : 4-channel type

UL approved (No. E113898)

TUV approved (No. R9653630)

CSA approved (No. CA91533-1)

FIMKO approved (No. 193422)

NEMKO approved (No. P96103013)

DEMKO approved (No. 303986)

SEMKO approved (No. 9646047/01-30)

VDE approved (No. 094722)

Options available :

 -Leads with 0.4"(10.16mm)spacing (M Type)

 -Leads bends for surface mounting(S Type)

 -Tape and Reel of Type I for SMD(Add"-TA"Suffix)

 -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)

 -VDE 0884 approvals (Add"-V"Suffix)



Applications

1. Telephone exchanges.

2. Computer terminals.

3. System appliances, measuring instruments.

4. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - LTV-819

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
LTV-819-1 TENAND-LTV-819-1 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819-1 LITEON-LTV-819-1 Datasheet
428Kb / 13P
Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-819-1M TENAND-LTV-819-1M Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
LTV-819-1S TENAND-LTV-819-1S Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
More results


Similar Description - LTV-819

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
HIgh Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com